Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5380AMNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5380AMNR2G
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380AMNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5380AMNR2G Datasheet HTML 1Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 2Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 3Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 4Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 5Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5380AMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2011
April, 2011 − Rev. 3
1
Publication Order Number:
NCP5380/D
NCP5380, NCP5380A
7-Bit, Programmable,
Single-Phase, Synchronous
Buck Switching Regulator
Controller
General Description
The NCP5380/A is a highly efficient, single−phase, synchronous
buck switching regulator controller. With its integrated drivers, the
NCP5380/A is optimized for converting the silver box voltage to the
supply voltage required by high performance Intel chipsets. An
internal 7−bit DAC is used to read a VID code directly from the
chipset.
The NCP5380/A uses a multimode architecture. It provides
programmable switching frequency that can be optimized for
efficiency depending on the output current requirement. In addition,
the NCP5380/A includes a programmable load line slope function to
adjust the output voltage as a function of the load current so that the
core voltage is always optimally positioned for a load transient. The
NCP5380/A also provides accurate and reliable current overload
protection and a delayed power−good output. The IC supports
On−The−Fly(OTF) output voltage changes requested by the chipset.
The NCP5380 is specified over the temperature range of 0
°C to
85
°C, while the NCP5380A extends the temperature range to −40°C to
100
°C. The NCP5380/A is available in a 32−lead QFN.
Features
Single−chip Solution
Fully Compatible with the Intel VR11 CPU Chipset Voltage
Regulator Specifications
Integrated MOSFET Drivers
±8 mV Worst−case Differentially Sensed Core Voltage Error over
Temperature
Automatic Power−saving Modes Maximize Efficiency During Light
Load Operation
Soft Transient Control Reduces Inrush Current and Audio Noise
Independent Current Limit and Load Line Setting Inputs for
Additional Design Flexibility
Built−in Power−good Masking Supports Voltage Identification (VID)
OTF Transients
7−bit, Digitally Programmable DAC
Short−circuit Protection with Programmable Latchoff Delay
Current Monitor Output Signal
32−lead QFN
This is a Pb−Free Device
Applications
Desktop Power Supplies for Next−generation Intel Chipsets
http://onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
QFN32, 5x5
CASE 488AM
MN SUFFIX
NCP5380MNR2G
QFN−32
(Pb−Free)
5000 / Tape & Reel
32
1
NCP5380
AWLYYWWG
G
1
NCP5380 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb Free Package
VCC
BST
DRVH
SW
PVCC
DRVL
PGND
GND
PWRGD
IMON
N/C
FBRTN
FB
COMP
GND
ILIM
NCP5380
(Top View)
PIN CONFIGURATION
1
(Note: Microdot may be in either location)
NCP5380AMNR2G
QFN−32
(Pb−Free)
5000 / Tape & Reel


Similar Part No. - NCP5380AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results

Similar Description - NCP5380AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com