Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3011 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3011
Description  Synchronous PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3011 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3011_15 Datasheet HTML 3Page - ON Semiconductor NCP3011_15 Datasheet HTML 4Page - ON Semiconductor NCP3011_15 Datasheet HTML 5Page - ON Semiconductor NCP3011_15 Datasheet HTML 6Page - ON Semiconductor NCP3011_15 Datasheet HTML 7Page - ON Semiconductor NCP3011_15 Datasheet HTML 8Page - ON Semiconductor NCP3011_15 Datasheet HTML 9Page - ON Semiconductor NCP3011_15 Datasheet HTML 10Page - ON Semiconductor NCP3011_15 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
NCP3011, NCV3011
www.onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Efficiency vs. Output Current and Input
Voltage
Figure 4. Load Regulation vs. Input Voltage
Figure 5. Feedback Reference Voltage vs. Input
Voltage and Temperature
Figure 6. Switching Frequency vs. Input Voltage
and Temperature
Iout (A)
6
3
2
1
0
60
65
70
75
80
85
90
95
4
Iout (A)
6
3
2
1
0
3.31
3.32
3.33
3.34
3.35
4
TEMPERATURE (
°C)
125
110
50
5
−40
792
794
796
798
800
802
806
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
TEMPERATURE (
°C)
125
110
50
5
−40
340
360
380
400
420
440
460
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
Vin = 5 V
16 V
12 V
9 V
16 V
12 V
9 V
Vin = 5 V
Typical Application Circuit
Figure 47
Typical Application Circuit
Figure 47
Figure 7. Supply Current vs. Input Voltage and
Temperature
Figure 8. Supply Current (Disabled) vs. Input
Voltage and Temperature
TEMPERATURE (
°C)
125
110
50
5
−40
4.0
4.5
5.0
5.5
6.0
6.5
Vin = 28 V
−25 −10
20
35
65
80
95
7.0
Vin = 12 V
Vin = 5 V
5
5
804
TEMPERATURE (
°C)
125
110
50
5
−40
1.0
1.2
1.4
1.6
1.8
2.0
Vin = 28 V
−25 −10
20
35
65
80
95
2.2
Vin = 12 V
Vin = 5 V
2.4
2.6
2.8
3.0


Similar Part No. - NCP3011_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3011DTBR2G ONSEMI-NCP3011DTBR2G Datasheet
70Kb / 1P
   Synchronous PWM Controller
October, 2009 Rev. P1
NCP3011DTBR2G ONSEMI-NCP3011DTBR2G Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCP3011 ONSEMI-NCP3011_V01 Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
More results

Similar Description - NCP3011_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com