Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP694HSANADJT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP694HSANADJT1G
Description  1A CMOS Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP694HSANADJT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP694HSANADJT1G Datasheet HTML 1Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 2Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 3Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 4Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 5Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 6Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 7Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 8Page - ON Semiconductor NCP694HSANADJT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP694
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS FOR FIX VERSION (Vin = Vout(nom.) + 1.0 V, VCE = Vin, Cin = 4.7 mF, Cout = 4.7 mF, TA =
25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TA = 25°C, Iout = 100 mA, Vin−Vout = 1 V)
0.8 V
1.0 V
1.2 V
2.5 V
3.3 V
Vout
0.770
0.970
1.170
2.450
3.234
0.8
1.0
1.2
2.5
3.3
0.830
1.030
1.030
2.550
3.366
V
Output Current (Vin−Vout = 1 V)
Iout
1
A
Input voltage
Vin
1.4
6.0
V
Line Regulation (Iout = 100 mA)
Regline
0.05
0.2
%/V
Load Regulation (Iout = 1 mA to 300 mA, Vin = Vout + 2.0 V)
Regload03
−15
−2
15
mV
Load Regulation (Iout = 1 mA to 1 A, Vin = Vout + 2.0 V)
Regload1
−3
mV
Supply Current (Iout = 0 A, (Vin − Vout) = 1 V, VCE = Vin)
Iss
60
100
mA
Standby Current (VCE = 0V, Vin = 6.0 V)
Istby
0.1
1.0
mA
Short Current Limit (Vout = 0 V)
Ish
250
mA
Output Voltage Temperature Coefficient
Tc
$100
ppm/°C
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
VthCE
1.0
0
6
0.4
V
Enable Pull−down Current
100
220
nA
Drop Output Voltage (TA = 25°C, Iout = 300 mA)
0.8 V Output voltage Vout (V)
1.0 V
1.2 V
2.5 V
3.3 V
Vin−Vout
0.33
0.22
0.18
0.10
0.05
0.570
0.470
0.320
0.150
0.100
V
Drop Output Voltage (TA = 25°C, Iout = 1A)
0.8 V Output voltage Vout (V)
1.0 V
1.2 V
2.5 V
3.3 V
Vin−Vout
0.72
0.64
0.56
0.32
0.18
V
Ripple Rejection (Ripple 200 mVpp, Iout =100 mA, f = 1 kHz)
PSRR
70
dB
Output Noise (BW = 10 Hz to 100 kHz, Iout = 1 mA)
Vnoise
30
mVrms
Thermal Shutdown Temperature/Hysteresis
Tshd/Hyst
150/30
°C
RDS(on) of additional output transistor (D version only)
RDS(on)
30
W
2. Maximum package power dissipation limits must be observed.
3. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.


Similar Part No. - NCP694HSANADJT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694HSANADJT1G ONSEMI-NCP694HSANADJT1G Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
More results

Similar Description - NCP694HSANADJT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com