Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1060AP100G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1060AP100G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1060AP100G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1060AP100G Datasheet HTML 1Page - ON Semiconductor NCP1060AP100G Datasheet HTML 2Page - ON Semiconductor NCP1060AP100G Datasheet HTML 3Page - ON Semiconductor NCP1060AP100G Datasheet HTML 4Page - ON Semiconductor NCP1060AP100G Datasheet HTML 5Page - ON Semiconductor NCP1060AP100G Datasheet HTML 6Page - ON Semiconductor NCP1060AP100G Datasheet HTML 7Page - ON Semiconductor NCP1060AP100G Datasheet HTML 8Page - ON Semiconductor NCP1060AP100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
NCP1060, NCP1063
www.onsemi.com
5
LIM/OPP
FB
COMP
GND
DRAIN
VCC
S
R
Q
VCC
Management
Reset
UVLO
Vdd
tSCP
Ipflag
SCP
trecovery
80−
ms Filter
Line
Detection
OFF UVLO
S
R
Q
RCOMP(up)
UVLO
TSD
LEB
Soft−Start
Reset
Reset SS as recoving from
SCP, TSD, VCC OVP or UVLO
ICOMP to CS setpoint
IFreeze
Ipk(0)
VCC
OSC
Sawtooth
Foldback
LineOK
LineOK
Sawtooth
Ipflag
Ramp
compensation
OFF
VCC OVP
SKIP = ”1”
è Shut down some
blocks to reduce consumption
SKIP
ILMOP
VLMOP
ILMDEC
ILMDEC
ILMOP
0
IPKL
IFB
VCOMP(REF)
I
COMPskip
ICOMPfault
ILMOP (min)
ILMOP (max )
Jittering
VOVP
FB/COMP
Processing
Figure 2. Simplified Internal Circuit Architecture


Similar Part No. - NCP1060AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1060AP100G ONSEMI-NCP1060AP100G Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
More results

Similar Description - NCP1060AP100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com