Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1027 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1027
Description  High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1027 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1027_15 Datasheet HTML 9Page - ON Semiconductor NCP1027_15 Datasheet HTML 10Page - ON Semiconductor NCP1027_15 Datasheet HTML 11Page - ON Semiconductor NCP1027_15 Datasheet HTML 12Page - ON Semiconductor NCP1027_15 Datasheet HTML 13Page - ON Semiconductor NCP1027_15 Datasheet HTML 14Page - ON Semiconductor NCP1027_15 Datasheet HTML 15Page - ON Semiconductor NCP1027_15 Datasheet HTML 16Page - ON Semiconductor NCP1027_15 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
NCP1027
www.onsemi.com
13
Fault Condition – Output Short−Circuit
As soon as VCC reaches VCCON, drive pulses are
internally enabled. If everything is correct, the auxiliary
winding increases the voltage on the VCC pin as the output
voltage rises. During the start−sequence, the controller
smoothly ramps up the peak current to Imax setting, e.g.
Ipeak_HI, which is reached after a typical period of 1.0 ms.
As soon as the peak current setpoint reaches its maximum
(during the startup period but also anytime an overload
occurs), an internal error flag is asserted, Ipflag, indicating
that the system has reached its maximum current limit set
point (Ip = Ip max). The assertion of this flag triggers a
55 ms counter. If at counter completion Ipflag remains
asserted, all driving pulses are stopped and the part stays off
during eight periods of 55 ms (440 ms). A new attempt to
restart occurs and will last 55 ms providing the fault is still
present. If the fault still affects the output, a safe burst mode
is entered, affected by a low duty−cycle operation (11%).
When the fault disappears, the power supply quickly
resumes operation. Figure 27 depicts this particular mode.
Figure 27. In case of short−circuit or overload, the NCP1027 protects itself and the power supply via a low
frequency burst mode. The VCC is maintained by the current source and self−supplies the controller.


Similar Part No. - NCP1027_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1027P100G ONSEMI-NCP1027P100G Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results

Similar Description - NCP1027_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1028 ONSEMI-NCP1028 Datasheet
633Kb / 29P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com