Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP508 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP508
Description  Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP508 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP508_11 Datasheet HTML 2Page - ON Semiconductor NCP508_11 Datasheet HTML 3Page - ON Semiconductor NCP508_11 Datasheet HTML 4Page - ON Semiconductor NCP508_11 Datasheet HTML 5Page - ON Semiconductor NCP508_11 Datasheet HTML 6Page - ON Semiconductor NCP508_11 Datasheet HTML 7Page - ON Semiconductor NCP508_11 Datasheet HTML 8Page - ON Semiconductor NCP508_11 Datasheet HTML 9Page - ON Semiconductor NCP508_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCP508
http://onsemi.com
6
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
350
400
0123456
789
10 11 12 13
1V5,
No Load
2V8,
No Load
3V3,
No Load
Vin, INPUT VOLTAGE (V)
Figure 14. Quiescent Current vs. Input Voltage
250
300
350
400
450
500
2
3
4
5
6
7
8
9
10
11
12
13
Vin, INPUT VOLTAGE (V)
Figure 15. Output Short−Circuit Current vs.
Input Voltage
VEN = Vin
Iout = 0 mA
Cin = Cout = 1 mF
TA = 25°C
VEN = Vin
Vout = 0 mA
Voltage Option = 1.5 V
Cin = Cout = 1 mF
TA = 25°C
0
20
40
60
80
100
120
140
160
180
200
220
240
0
0.01
0.02
0.03
0.04
0.05
3V3
3V
2V8
2V5
1V5
1V8
Iout, OUTPUT CURRENT (A)
Figure 16. Dropout Voltage vs. Output Current
Cin = Cout = 1 mF
TA = 25°C


Similar Part No. - NCP508_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5080 ONSEMI-NCP5080 Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP5080MUTXG ONSEMI-NCP5080MUTXG Datasheet
439Kb / 12P
   Xenon Photoflash Capacitor Charge with Photo Sense Interface
July, 2007 - Rev. 1
NCP508MN15TBG ONSEMI-NCP508MN15TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN18TBG ONSEMI-NCP508MN18TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN25TBG ONSEMI-NCP508MN25TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP508_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
   300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
   300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com