Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52130N0XA Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV52130N0XA
Description  1coil Boost DC-DC converter and Inverter Charge Pump
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52130N0XA Datasheet(HTML) 1 Page - ON Semiconductor

  LV52130N0XA Datasheet HTML 1Page - ON Semiconductor LV52130N0XA Datasheet HTML 2Page - ON Semiconductor LV52130N0XA Datasheet HTML 3Page - ON Semiconductor LV52130N0XA Datasheet HTML 4Page - ON Semiconductor LV52130N0XA Datasheet HTML 5Page - ON Semiconductor LV52130N0XA Datasheet HTML 6Page - ON Semiconductor LV52130N0XA Datasheet HTML 7Page - ON Semiconductor LV52130N0XA Datasheet HTML 8Page - ON Semiconductor LV52130N0XA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Publication Order Number :
LV52130N0XA_4XA/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
October 2015 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 19 of this data sheet.
LV52130N0XA
LV52130N4XA
Overview
The LV52130N0XA and LV52130N4XA are dual-output with 1coil boost
DC-DC converter and built-in inverter charge pump circuit.
Feature
 1 coil Dual-outputs
 VOUT1 output (+5V/+5.4V)
 VOUT2 output (-5V/-5.4V)
 Operating Voltage from 2.5V to 5.5V
 Each output voltages adjusted by I2C
 Synchronous Rectification
 SCP(VOUT1 to gnd / VOUT2 to gnd)
Typical Applications
LCD / AMOLED panel power supply
Bi-CMOS IC
1coil Boost DC-DC converter
and Inverter Charge Pump
WLP15 - 0.4mm pitch
(1.55mm
 2.15mm, Amax=0.625mm)
Fig.1 Application
* I
2C Bus is a trademark of Philips Corporation.


Similar Part No. - LV52130N0XA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52133A ONSEMI-LV52133A Datasheet
853Kb / 15P
   Programmable DC-DC Converter dual-output, Single-Inductor
June 2016- Rev. 2
LV52134A ONSEMI-LV52134A Datasheet
845Kb / 15P
   Programmable DC-DC Converter
March 2017- Rev. P2
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
   3ch LED Driver
August, 2013
More results

Similar Description - LV52130N0XA

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8821 SII-S8821 Datasheet
1Mb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-8821 ABLIC-S-8821 Datasheet
424Kb / 24P
   VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com