Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6243 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT6243
Description  1 Amp Adjustable CMOS LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6243 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT6243_16 Datasheet HTML 1Page - ON Semiconductor CAT6243_16 Datasheet HTML 2Page - ON Semiconductor CAT6243_16 Datasheet HTML 3Page - ON Semiconductor CAT6243_16 Datasheet HTML 4Page - ON Semiconductor CAT6243_16 Datasheet HTML 5Page - ON Semiconductor CAT6243_16 Datasheet HTML 6Page - ON Semiconductor CAT6243_16 Datasheet HTML 7Page - ON Semiconductor CAT6243_16 Datasheet HTML 8Page - ON Semiconductor CAT6243_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT6243
www.onsemi.com
2
Figure 1. Application Schematic
VIN
ENABLE
CAT6243
ADJ
BYP
VOUT
GND
VIN
1
mF
VOUT
(Optional)
CBYP
CIN
2.2
mF
COUT
Figure 2. Simplified Block Diagram
ADJ
GND
EN
2.5 M
VIN
BYP
VOUT
Enable
Logic
Thermal
Shutdown
ISENSE
VREF
+
+
Table 1. PIN FUNCTION DESCRIPTION
Pin #
WDFN−6
Pin #
DPAK−5−5
Pin Name
Description
1
5
EN
The Enable Input. An active HIGH input, turning ON the LDO. This input should be tied to
VIN if the LDO is not intended to be shut off during normal operation. A pull−down 2.5 MW
resistor maintains the circuit in the OFF state if the pin is left open.
2, PAD
3, TAB
GND
Power Supply Ground; Device Substrate. The center pad is internally connected to Ground
and as such can cause short circuits to signal traces running beneath the IC. This pad is
intended for heat sinking the IC to the PCB and is typically connected to the PCB ground
plane.
3
NC
BYP
Bypass input. Placing a capacitor of 100 pF to 470 pF between BYP and ground reduces
noise on VOUT. This capacitor is optional and it increases the turn−on time.
4
2
VOUT
Regulated Output Voltage. A protection block eliminates any current flow from output to
input if VOUT > VIN.
5
1
ADJ
Output Voltage Adjust Input. This input ties to the common point of a resistor divider which
determines the regulator’s output voltage. See Applications section for details on selecting
resistor values.
6
4
VIN
Positive Power Supply Input. Supplies power for VOUT as well as the regulator’s internal
circuitry.


Similar Part No. - CAT6243_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
More results

Similar Description - CAT6243_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6241 ONSEMI-CAT6241 Datasheet
571Kb / 17P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2013 ??Rev. 6
CAT6243 ONSEMI-CAT6243_15 Datasheet
355Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
February, 2015 ??Rev. 8
CAT6243 ONSEMI-CAT6243 Datasheet
406Kb / 15P
   1 Amp Adjustable CMOS LDO Voltage Regulator
July, 2012 ??Rev. 5
CAT6242 ONSEMI-CAT6242 Datasheet
358Kb / 14P
   1.3 Amp CMOS LDO Voltage Regulator
November, 2012 ??Rev. 4
logo
Sipex Corporation
SP317 SIPEX-SP317 Datasheet
438Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
SP317V2-L-TR SIPEX-SP317V2-L-TR Datasheet
304Kb / 13P
   3-Terminal 1 Amp Adjustable Voltage Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
   Adjustable and Fixed LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com