Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL198A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TIL198A
Description  HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TIL198A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TIL198A Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL198A Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL198A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92416m-AAS/A2
7/12/00
50
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
100
0
0.2
0.4
0.6
0.8
1.0
1.2
I
F = 2mA
I
C = 10mA
T
A = 25°C
0
1
2
3
4
5
Collector-emitter Saturation
Voltage vs. Forward Current
Forward current I
F (mA)
6
0
0.5
1.0
1.5
Relative Current Transfer Ratio
vs. Ambient Temperature
I
F = 2mA
V
CE = 1V
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0
0.5
1.0
1.5
2.0
2.5
3.0
Collector Current vs. Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
0
1
2
3
4
5
0
20
40
60
80
100
T
A = 25°C
2mA
5mA
10mA
I
F = 1mA


Similar Part No. - TIL198A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TIL198A ISOCOM-TIL198A Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TIL198A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
PS2502-1X ISOCOM-PS2502-1X Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP815X ISOCOM-ISP815X Datasheet
69Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
TIL197 ISOCOM-TIL197 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP815XSM ISOCOM-ISP815XSM Datasheet
87Kb / 3P
   HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com