Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3062D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3062D
Description  LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3062D Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3062D Datasheet HTML 7Page - Texas Instruments THS3062D Datasheet HTML 8Page - Texas Instruments THS3062D Datasheet HTML 9Page - Texas Instruments THS3062D Datasheet HTML 10Page - Texas Instruments THS3062D Datasheet HTML 11Page - Texas Instruments THS3062D Datasheet HTML 12Page - Texas Instruments THS3062D Datasheet HTML 13Page - Texas Instruments THS3062D Datasheet HTML 14Page - Texas Instruments THS3062D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
THS3061
THS3062
SLOS394A – JULY 2002 – OCTOBER 2002
www.ti.com
11
Figure 30
100 k
1 M
10 M
100 M
1 G
f – Frequency – Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
G = 2
Rf = 560 Ω
VCC = ±15 V
0.01
0.1
1
10
100
1000
Figure 31
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
0
10
20
30
40
50
60
70
80
90
100 k
1 M
10 M
100 M
1 G
f – Frequency – Hz
THS3061
THS3062
G = 2
VCC = ±15 V, ±5 V
RL = 150 Ω
Rf = 1 kΩ
Figure 32
0
50
100
150
200
250
300
10
100
1 k
10 k
100 k
f – Frequency – Hz
INPUT CURRENT NOISE
vs
FREQUENCY
In–
In+
VCC = ±15 V,
VCC = ±5 V,
VCC = ±2.5 V,
Figure 33
10
100
1 k
10 k
100 k
f – Frequency – Hz
VOLTAGE NOISE DENSITY
vs
FREQUENCY
0
5
10
15
20
25
30
35
40
45
VCC = ±5 V
VCC = ±15 V
Figure 34
–10
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
f – Frequency – Hz
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
PSRR–
PSRR+
VCC = ±15 V, ±5 V
G = 2
Rf = 560 Ω
RL = 150 Ω
VO = 35 mVPP
Figure 35
0
10
20
30
40
50
60
70
80
–15
–10
–50
5
10
15
Input Common-Mode Voltage Range – V
COMMON-MODE REJECTION RATIO (DC)
vs
INPUT COMMON-MODE RANGE
RL = 150 Ω
Figure 36
0
2
4
6
8
10
12
2.5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
Power Supply Voltage – V
THS3061
SUPPLY CURRENT
vs
POWER SUPPLY VOLTAGE
85
°C
25
°C
–40
°C
Figure 37
THS3062
SUPPLY CURRENT
vs
POWER SUPPLY VOLTAGE
85
°C
25
°C
–40
°C
0
3
6
9
12
15
18
21
24
4
6
8
1012
1416
Power Supply Voltage – V
Figure 38
0
500
1000
1500
2000
2500
3000
3500
02
46
VO – Output Voltage – V
SLEW RATE
vs
OUTPUT VOLTAGE
VCC = ±5
VCC = ±15
G = –1
Rf = 475 Ω
RL = 150 Ω
TA = 25°C


Similar Part No. - THS3062D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3062D TI1-THS3062D Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062D TI1-THS3062D Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DDA TI1-THS3062DDA Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DDA TI1-THS3062DDA Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DDAG3 TI1-THS3062DDAG3 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3062D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
   Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
   12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com