Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV59300DS28R4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV59300DS28R4G
Description  3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59300DS28R4G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV59300DS28R4G Datasheet HTML 1Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 2Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 3Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 4Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 5Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 6Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 7Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 8Page - ON Semiconductor NCV59300DS28R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP59300, NCV59300 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
TJ = 25C if not otherwise noted
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
140
0
123
45
Figure 9. Ground Current vs. Supply Voltage
(2.5 V)
3 A
1 A
2 A
Figure 10. Ground Current vs. Temperature
1.4
1.2
1
0.8
0.6
0.4
0.2
0
−50 −30 −10
10
30
50
70
90
110 130
TEMPERATURE (C)
VIN = 3.5 V
VOUT = 2.5 V, IOUT = 10 mA
0
5
10
15
20
25
30
35
40
Figure 11. Ground Current vs. Temperature
−50 −30 −10
10
30
50
70
90
110 130
TEMPERATURE (C)
VIN = 3.5 V
VOUT = 2.5 V, IOUT = 1.5 A
0
10
20
30
40
50
60
70
80
90
−50 −30 −10
10
30
50
70
90
110 130
Figure 12. Ground Current vs. Temperature
TEMPERATURE (C)
VIN = 3.5 V
VOUT = 2.5 V, IOUT = 3 A
2.6
−50 −30 −10
10
30
50
70
90
110 130
2.55
2.5
2.45
2.4
Figure 13. Output Voltage vs. Temperature
TEMPERATURE (C)
VOUTNOM = 2.5 V
IOUT = 10 mA
0
2
4
6
8
10
12
14
16
18
20
22
Figure 14. Enable Pin Input Current vs.
Temperature
TEMPERATURE (C)
−50 −30 −10
10
30
50
70
90
110 130
VEN = 6.5 V
VEN = 1.8 V


Similar Part No. - NCV59300DS28R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV59302 ONSEMI-NCV59302 Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCV59302DSADJR4G ONSEMI-NCV59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
More results

Similar Description - NCV59300DS28R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP57302 ONSEMI-NCP57302 Datasheet
607Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 2
NCP59302DSADJR4G ONSEMI-NCP59302DSADJR4G Datasheet
606Kb / 10P
   3.0 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
May, 2013 ??Rev. 2
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
246Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151DS33R4G ONSEMI-NCP59151DS33R4G Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59151MN33TYG ONSEMI-NCP59151MN33TYG Datasheet
314Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2013 ??Rev. 1
NCP59150 ONSEMI-NCP59150 Datasheet
295Kb / 14P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator Series
May, 2022 - Rev. 2
NCP58300 ONSEMI-NCP58300 Datasheet
154Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
August, 2012 ??Rev. 0
NCP59300 ONSEMI-NCP59300 Datasheet
227Kb / 12P
   3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
January, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com