Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3061 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS3061
Description  LOW DISTORTION HIGH SLEW RATE CURRENT FREEBACK AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3061 Datasheet(HTML) 3 Page - Texas Instruments

  THS3061 Datasheet HTML 1Page - Texas Instruments THS3061 Datasheet HTML 2Page - Texas Instruments THS3061 Datasheet HTML 3Page - Texas Instruments THS3061 Datasheet HTML 4Page - Texas Instruments THS3061 Datasheet HTML 5Page - Texas Instruments THS3061 Datasheet HTML 6Page - Texas Instruments THS3061 Datasheet HTML 7Page - Texas Instruments THS3061 Datasheet HTML 8Page - Texas Instruments THS3061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
THS3061
THS3062
SLOS394A – JULY 2002 – OCTOBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
VS = ±15 V: Rf = 560 Ω, RL = 150 Ω, and G = +2 unless otherwise noted
THS3061, THS3062
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
–40
°C
to 85
°C
UNITS
MIN/TYP/
MAX
AC PERFORMANCE
G = +1, Rf= 750 Ω
300
Small-signal bandwidth
G = +2, Rf = 560 Ω
275
MHz
Typ
Small signal bandwidth
(VO = 100 mVPP, Peaking < 0.3 dB)
G = +5, Rf = 357 Ω
260
MHz
Typ
( OPP
g)
G = +10, Rf = 200 Ω
220
Bandwidth for 0.1 dB flatness
G = +2, VO = 100mVpp
120
MHz
Typ
Peaking at a gain of +1
VO = 100 mVpp
0.3
dB
Typ
Large-signal bandwidth
G = +2, VO = 4 Vpp
120
MHz
Typ
Slew rate (25% to 75% level)
G = +5, 20 V Step
7000
V/
µs
Typ
Slew rate (25% to 75% level)
G = +2, 10 V Step
5700
V/
µs
Typ
Rise and fall time
G = +2, VO = 10 V Step
1
ns
Typ
Settling time to 0.1%
G = –2, VO = 2 V Step
30
ns
Typ
0.01%
G = –2, VO = 2 V Step
125
ns
Typ
Harmonic distortion
G = +2, f = 10 MHz, VO = 2 Vpp
2nd harmonic
RL = 150 Ω
–78
dBc
Typ
2nd harmonic
RL = 1 kΩ
–73
dBc
Typ
3rd harmonic
RL = 150 Ω
–81
dBc
Typ
3rd harmonic
RL = 1 kΩ
–82
dBc
Typ
3rd order intermodulation distortion
G = +2, fc = 10 MHz,
VO = 2 Vpp(envelope)
∆f = 200 kHz
–93
dBc
Typ
Input voltage noise
f > 10 kHz
2.6
nV/
√Hz
Typ
Input current noise (noninverting)
f > 10 kHz
20
pA/
√Hz
Typ
Input current noise (inverting)
f > 10 kHz
36
pA/
√Hz
Typ
Differential gain (NTSC, PAL)
G = +2, RL = 150 Ω
0.02%
Typ
Differential phase (NTSC, PAL)
G = +2, RL = 150 Ω
0.01
°
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = 0 V, RL = 1 kΩ
1
0.7
0.6
0.6
M
Min
Input offset voltage
VCM = 0 V
±0.7
±3.5
±4.4
±4.5
mV
Max
Average offset voltage drift
VCM = 0 V
±10
±10
µV/°C
Typ
Input bias current (inverting)
VCM = 0 V
±2.0
±20
±32
±35
µA
Max
Average bias current drift (–)
VCM = 0 V
±25
±30
nA/
°C
Typ
Input bias current (noninverting)
VCM = 0 V
±6.0
±25
±38
±40
µA
Max
Average bias current drift (+)
VCM = 0 V
±45
±50
nA/
°C
Typ
INPUT
Common-mode input range
±13.9
±13.1
±13.1
±13.1
V
Min
Common-mode rejection ratio
VCM = ±0.5 V
72
60
58
58
dB
Min
Input resistance
Noninverting
518
k
Typ
Input resistance
Inverting
71
Typ
Input capacitance
Noninverting
1
pF
Typ


Similar Part No. - THS3061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3061 TI-THS3061 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3061 TI-THS3061 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS30612 TI1-THS30612 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3061D TI1-THS3061D Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3061 TI1-THS3061_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3062DGNR TI1-THS3062DGNR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS4271 TI-THS4271 Datasheet
1Mb / 38P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
logo
Panasonic Semiconductor
AN6557 PANASONIC-AN6557 Datasheet
33Kb / 3P
   Dual Low Noise, High Slew Rate Operational Amplifiers
logo
Texas Instruments
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
[Old version datasheet]   HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474 Datasheet
359Kb / 15P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
   12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com