Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR483 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR483
Description  48-Bit LVDS Channel Link Serializer/Deserializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR483 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS90CR483 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 9Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 10Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 11Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 12Page - National Semiconductor (TI) DS90CR483 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AC Timing Diagrams (Continued)
DS100918-22
FIGURE 12. Receiver Power Down Delay
DS100918-25
C — Setup and Hold Time (Internal data sampling window) defined by Rspos (receiver input strobe position) min and max
Tppos — Transmitter output pulse position (min and max)
RSKM = Cable Skew (type, length) + LVDS Source Clock Jitter (cycle to cycle) (Note 7) + ISI (Inter-symbol interference) (Note 8)
Cable Skew — typically 10 ps–40 ps per foot, media dependent
Note 7: Cycle-to-cycle LVDS Output jitter is less than 100 ps (worse case estimate).
Note 8: ISI is dependent on interconnect length; may be zero
FIGURE 13. Receiver Skew Margin
www.national.com
9


Similar Part No. - DS90CR483

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
489Kb / 22P
   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
logo
Texas Instruments
DS90CR483 TI1-DS90CR483 Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483A TI1-DS90CR483A Datasheet
402Kb / 26P
[Old version datasheet]   DS90CR483A/DS90CR484A 48-Bit LVDS Channel Link SER/DES 33-112 MHz
DS90CR483A TI1-DS90CR483A Datasheet
1Mb / 27P
[Old version datasheet]   48-Bit LVDS Channel Link SER/DES - 33 - 112 MHz
DS90CR483AVJD TI1-DS90CR483AVJD Datasheet
402Kb / 26P
[Old version datasheet]   DS90CR483A/DS90CR484A 48-Bit LVDS Channel Link SER/DES 33-112 MHz
More results

Similar Description - DS90CR483

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR486 NSC-DS90CR486_06 Datasheet
359Kb / 18P
   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS90CR485 NSC-DS90CR485 Datasheet
330Kb / 16P
   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
logo
Texas Instruments
DS90CR485 TI1-DS90CR485_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-bit Channel Link Serializer (6.384 Gbps)
DS90CR486 TI1-DS90CR486_15 Datasheet
1Mb / 22P
[Old version datasheet]   133MHz 48-Bit Channel Link Deserializer (6.384 Gbps)
DS92LV3241 TI1-DS92LV3241_14 Datasheet
1Mb / 32P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV3241 TI1-DS92LV3241_15 Datasheet
1Mb / 31P
[Old version datasheet]   20-85 MHz 32-Bit Channel Link II Serializer / Deserializer
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV3241 NSC-DS92LV3241 Datasheet
1Mb / 30P
   20-85 MHz 32-Bit Channel Link II Serializer/Deserializer
DS92LV2411 NSC-DS92LV2411 Datasheet
1Mb / 40P
   5-50MHz 24-Bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_14 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com