Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8715MX18TBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8715MX18TBG
Description  Wide Input Voltage, Low Dropout Linear Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8715MX18TBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8715MX18TBG Datasheet HTML 1Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 2Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 3Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 4Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 5Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 6Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 7Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 8Page - ON Semiconductor NCV8715MX18TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCV8715
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS − Voltage Version 1.2 V
−40
°C ≤ TJ ≤ 125°C; VIN = 2.5 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C. (Note 7)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
IOUT ≤ 10 mA
VIN
2.5
24
V
10 mA< IOUT < 50 mA
3.0
24
Output Voltage Accuracy
3.0 V < VIN < 24 V, 0 mA < IOUT < 50 mA
VOUT
1.164
1.2
1.236
V
Line Regulation
2.5 V
≤ VIN ≤ 24 V, IOUT = 1 mA
RegLINE
2
10
mV
Load Regulation
IOUT = 0 mA to 50 mA
RegLOAD
5
10
mV
Dropout Voltage (Note 5)
VDO
mV
Maximum Output Current
(Note 8)
IOUT
100
200
mA
0 < IOUT < 50 mA, VIN = 24 V
IGND
3.4
5.8
Power Supply Rejection Ratio
VIN = 3.0 V, VOUT = 1.2 V
VPP = 200 mV modulation
IOUT = 1 mA, COUT= 10 mF
f = 100 kHz
PSRR
60
dB
Output Noise Voltage
VOUT = 1.2 V, IOUT = 50 mA
f = 200 Hz to 100 kHz, COUT = 10 mF
VN
65
mVrms
Thermal Shutdown Temperature
(Note 6)
Temperature increasing from TJ = +25°C
TSD
170
°C
Thermal Shutdown Hysteresis (Note 6)
Temperature falling from TSD
TSDH
15
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Not Characterized at VIN = 3.0 V, VOUT = 1.2 V, IOUT = 50 mA.
6. Guaranteed by design and characterization.
7. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25
°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
8. Respect SOA.


Similar Part No. - NCV8715MX18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715MX18TBG ONSEMI-NCV8715MX18TBG Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
More results

Similar Description - NCV8715MX18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
   Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632_17 Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com