Electronic Components Datasheet Search |
|
NCP161BMX250TBG Datasheet(PDF) 1 Page - ON Semiconductor |
|
NCP161BMX250TBG Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 19 page © Semiconductor Components Industries, LLC, 2016 August, 2016 − Rev. 7 1 Publication Order Number: NCP161/D NCP161 450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits The NCP161 is a linear regulator capable of supplying 450 mA output current. Designed to meet the requirements of RF and analog circuits, the NCP161 device provides low noise, high PSRR, low quiescent current, and very good load/line transients. The device is designed to work with a 1 mF input and a 1 mF output ceramic capacitor. It is available in two thickness ultra−small 0.35P, 0.65 mm x 0.65 mm Chip Scale Package (CSP) and XDFN−4 0.65P, 1 mm x 1 mm. Features • Operating Input Voltage Range: 1.9 V to 5.5 V • Available in Fixed Voltage Option: 1.8 V to 5.14 V • ±2% Accuracy Over Load/Temperature • Ultra Low Quiescent Current Typ. 18 mA • Standby Current: Typ. 0.1 mA • Very Low Dropout: 150 mV at 450 mA • Ultra High PSRR: Typ. 98 dB at 20 mA, f = 1 kHz • Ultra Low Noise: 10 mVRMS • Stable with a 1 mF Small Case Size Ceramic Capacitors • Available in −WLCSP4 0.65 mm x 0.65 mm x 0.4 mm CASE 567KA −WLCSP4 0.65 mm x 0.65 mm x 0.33 mm CASE 567JZ −XDFN4 1 mm x 1 mm x 0.4 mm • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant Typical Applications • Battery−powered Equipment • Wireless LAN Devices • Smartphones, Tablets • Cameras, DVRs, STB and Camcorders IN EN GND OUT OFF ON Figure 1. Typical Application Schematics VOUT COUT 1 mF Ceramic VIN NCP161 CIN 1 mF Ceramic www.onsemi.com See detailed ordering and shipping information on page 15 of this data sheet. ORDERING INFORMATION PIN CONNECTIONS A1 A2 B1 B2 IN OUT EN GND (Top View) (Top View) MARKING DIAGRAMS X or XX = Specific Device Code M = Date Code XDFN4 CASE 711AJ WLCSP4 CASE 567JZ A1 X 1 XX M 1 WLCSP4 CASE 567KA A1 X |
Similar Part No. - NCP161BMX250TBG |
|
Similar Description - NCP161BMX250TBG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |