Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP161AMX514TBG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP161AMX514TBG
Description  450 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP161AMX514TBG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP161AMX514TBG Datasheet HTML 4Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 5Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 6Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 7Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 8Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 9Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 10Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 11Page - ON Semiconductor NCP161AMX514TBG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCP161
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 27. Disable Current vs. Temperature
Figure 28. Discharge Resistivity vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
60
20
0
−20
−40
0
10
30
40
60
70
90
100
120
100
80
60
40
0
−20
−40
200
220
230
240
260
270
290
300
Figure 29. Output Voltage Noise Spectral Density − VOUT = 1.8 V
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
1
10
100
1000
10,000
Figure 30. Output Voltage Noise Spectral Density − VOUT = 3.3 V
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
1
10
100
1000
10,000
20
50
80
40
140
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
20
140
210
250
280
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
1 mA
14.62
14.10
10 mA
11.12
10.48
250 mA
10.37
9.82
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
1 mA
16.9
15.79
10 mA
12.64
11.13
250 mA
11.96
10.64
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 1 mA
IOUT = 250 mA
IOUT = 10 mA
VIN = 4.3 V
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
IOUT = 1 mA
IOUT = 450 mA
IOUT = 10 mA
450 mA
10.22
9.62
450 mA
11.50
10.40
IOUT = 450 mA
IOUT = 250 mA


Similar Part No. - NCP161AMX514TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161AFCS180T2G ONSEMI-NCP161AFCS180T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP161AFCS250T2G ONSEMI-NCP161AFCS250T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP161AFCS280T2G ONSEMI-NCP161AFCS280T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP161AFCS285T2G ONSEMI-NCP161AFCS285T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP161AFCS300T2G ONSEMI-NCP161AFCS300T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
More results

Similar Description - NCP161AMX514TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com