Electronic Components Datasheet Search |
|
NCV8715SQ33T2G Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCV8715SQ33T2G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 21 page NCV8715 www.onsemi.com 3 ABSOLUTE MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage (Note 1) VIN −0.3 to 24 V Output Voltage VOUT −0.3 to 6 V Output Short Circuit Duration tSC Indefinite s Maximum Junction Temperature TJ(MAX) 150 °C Operating Ambient Temperature Range TA −40 to 125 °C Storage Temperature Range TSTG −55 to 150 °C Moisture Sensitivity Level MSL MSL1 − ESD Capability, Human Body Model (Note 2) ESDHBM 2000 V ESD Capability, Machine Model (Note 2) ESDMM 200 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area. 2. This device series incorporates ESD protection and is tested by the following methods: ESD Human Body Model tested per EIA/JESD22−A114 ESD Machine Model tested per EIA/JESD22−A115 ESD Charged Device Model tested per EIA/JESD22−C101E Latch up Current Maximum Rating tested per JEDEC standard: JESD78. THERMAL CHARACTERISTICS Rating Symbol Value Unit Thermal Characteristics, SC−70 (Note 3) Thermal Resistance, Junction−to−Air (Note 4) RqJA 390 °C/W Thermal Characteristics, XDFN6 (Note 3) Thermal Resistance, Junction−to−Air (Note 4) RqJA 260 °C/W 3. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area. 4. As measured using a copper heat spreading area of 650 mm2, 1 oz copper thickness. RECOMMENDED OPERATING CONDITIONS Parameter Symbol Min Max Unit Input Voltage VIN 2.5 24 V Junction Temperature TJ −40 125 °C Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may affect device reliability. |
Similar Part No. - NCV8715SQ33T2G |
|
Similar Description - NCV8715SQ33T2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |