Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8752AMX30TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8752AMX30TCG
Description  Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8752AMX30TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8752AMX30TCG Datasheet HTML 1Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 2Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 3Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 4Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 5Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 6Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 7Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 8Page - ON Semiconductor NCV8752AMX30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2016
January, 2016 − Rev. 1
1
Publication Order Number:
NCV8752/D
NCV8752
200 mA, Ultra-Low
Quiescent Current, IQ 12 mA,
Ultra-Low Noise, Low
Dropout Regulator
Noise sensitive RF applications such as Power Amplifiers in
satellite radios, infotainment equipment, and precision
instrumentation require very clean power supplies. The NCV8752 is
200 mA LDO that provides the engineer with a very stable, accurate
voltage with ultra low noise and very high Power Supply Rejection
Ratio (PSRR) suitable for RF applications. The device doesn’t require
any additional noise bypass capacitor to achieve ultra low noise
performance. In order to optimize performance for battery operated
portable applications, the NCV8752 employs the Auto Low−Power
Function for Ultra Low Quiescent Current consumption.
Features
Operating Input Voltage Range: 2.0 V to 5.5 V
Available in Fixed Voltage Options: 0.8 to 3.5 V
Contact Factory for Other Voltage Options
Ultra Low Quiescent Current of Typ. 12 mA
Ultra Low Noise: 11.5 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 130 mV Typical at 200 mA
±2% Accuracy Over Load/Line/Temperature
High PSRR: 68 dB at 1 kHz
Power Good Output
Internal Soft−Start to Limit the Inrush Current
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP−5 and XDFN 1.5 x 1.5 mm Package
Active Output Discharge for Fast Turn−Off
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Satellite Radio Receivers, GPS
Rear View Camera, Electronic Mirrors, Lane Change Detectors
Portable Entertainment Systems
NCV8752
IN
EN
OUT
PG
GND
OFF
ON
100k
Figure 1. Typical Application Schematic
VOUT
COUT
1
mF
VPG
CIN
VIN
XDFN6
CASE 711AE
MARKING DIAGRAMS
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 19 of this data sheet.
ORDERING INFORMATION
TSOP−5
CASE 483
1
5
XXXAYW
G
G
XXX = Specific Device Code
A
= Assembly Location
M
= Date Code
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top view)
1
OUT
PG
IN
N/C
EN
GND
IN
GND
OUT
PG
1
2
3
5
4
EN
PIN CONNECTIONS
X M
G
G
1
XDFN6
TSOP−5
TSOP−5
XDFN6


Similar Part No. - NCV8752AMX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8752AMX30TCG ONSEMI-NCV8752AMX30TCG Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
More results

Similar Description - NCV8752AMX30TCG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com