Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154MTW180280TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8154MTW180280TCG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154MTW180280TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8154MTW180280TCG Datasheet HTML 1Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 2Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 3Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 4Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 5Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 6Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 7Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 8Page - ON Semiconductor NCV8154MTW180280TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCV8154
www.onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
IN2*
OUT2
ACTIVE
DISCHARGE
THERMAL
SHUTDOWN
ENABLE
LOGIC
GND
EN2
EN2
BANDGAP
REFERENCE
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
MOSFET
DRIVER WITH
CURRENT LIMIT
ACTIVE
DISCHARGE
EN1
BANDGAP
REFERENCE
ENABLE
LOGIC
EN1
OUT1
IN1*
GND
*Dual IN available only for DFN10
Table 1. PIN FUNCTION DESCRIPTION − DFN10
Pin No.
Pin Name
Description
1
GND
Power supply ground. Soldered to the copper plane allows for effective heat dissipation.
2
OUT1
Regulated output voltage of the first channel. A small 1
mF ceramic capacitor is needed from this pin to
ground to assure stability.
3
OUT2
Regulated output voltage of the second channel. A small 1
mF ceramic capacitor is needed from this pin to
ground to assure stability.
4
GND
Power supply ground. Soldered to the copper plane allows for effective heat dissipation.
5,6
N/C
Not connected, can be tied to ground plane to improve thermal dissipation.
7
EN2
Driving EN2 over 0.9 V turns-on OUT2. Driving EN below 0.4 V turns-off the OUT2 and activates the active
discharge.
8
IN2
Inputs pin for second channel. It is recommended to connect 1
mF ceramic capacitor close to the device pin.
9
IN1
Inputs pin for first channel. It is recommended to connect 1
mF ceramic capacitor close to the device pin.
10
EN1
Driving EN1 over 0.9 V turns-on OUT1. Driving EN below 0.4 V turns-off the OUT1 and activates the active
discharge.
EXP
Exposed pad must be tied to ground. Soldered to the copper plane allows for effective thermal dissipation.


Similar Part No. - NCV8154MTW180280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154MTW180280TCG ONSEMI-NCV8154MTW180280TCG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8154MTW180280TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com