Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8703MX28TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8703MX28TCG
Description  LDO Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8703MX28TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8703MX28TCG Datasheet HTML 3Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 4Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 5Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 6Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 7Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 8Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 9Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 10Page - ON Semiconductor NCV8703MX28TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NCV8703
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 17. Line Regulation vs. Temperature −
1.8 V
Figure 18. Line Regulation vs. Temperature –
2.8 V
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
120
100
80
60
20
0
−20
−40
0
100
300
400
600
700
800
1000
120
100
80
40
20
0
−20
−40
0
100
300
400
600
700
900
1000
Figure 19. Line Regulation vs. Temperature –
3.3 V
Figure 20. Load Regulation vs. Temperature –
1.8 V
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
120
100
80
60
20
0
−20
−40
0
200
400
600
800
1000
1200
100
80
60
40
20
0
−20
−40
0
2
6
8
10
14
18
20
Figure 21. Load Regulation vs. Temperature –
2.8 V
Figure 22. Load Regulation vs. Temperature –
3.3 V
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
120
100
60
40
20
0
−20
−40
0
2
4
8
12
14
18
20
120
80
60
40
20
0
−20
−40
0
2
4
6
12
14
18
20
VOUT = 1.8 V
VIN = 2.3 to 5.5 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
40
140
200
500
900
60
140
200
500
800
VOUT = 2.8 V
VIN = 3.3 to 5.5 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
40
140
VOUT = 3.3 V
VIN = 3.8 to 5.5 V
CIN = 1 mF
COUT = 1 mF
IOUT = 10 mA
120 140
4
12
16
VOUT = 1.8 V
VIN = 2.3 V
CIN = 1 mF
COUT = 1 mF
IOUT = 0 mA to 300 mA
80
140
6
10
16
VOUT = 2.8 V
VIN = 3.3 V
CIN = 1 mF
COUT = 1 mF
IOUT = 0 mA to 300 mA
100
140
8
10
16
VOUT = 3.3 V
VIN = 3.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 0 mA to 300 mA


Similar Part No. - NCV8703MX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8703MX28TCG ONSEMI-NCV8703MX28TCG Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
September, 2012 ??Rev. 0
More results

Similar Description - NCV8703MX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com