Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7518MWTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7518MWTXG
Description  Hex Low?릗ide MOSFET Pre?릁river
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7518MWTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7518MWTXG Datasheet HTML 4Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 5Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 6Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 7Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 8Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 9Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 10Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 11Page - ON Semiconductor NCV7518MWTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
NCV7518, NCV7518A
www.onsemi.com
8
ELECTRICAL CHARACTERISTICS (continued)
(4.75 V
≤ VCCX ≤ 5.25 V, VDD = VCCX, 4.5 V ≤ VLOAD ≤ 18 V, RSTB = VCCX, ENB = 0, −40°C ≤ TJ ≤ 150°C, unless otherwise specified.)
(Note 7)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
GATE DRIVER OUTPUTS
GATX Output Resistance
RGATX
Output High or Low
200
350
500
W
GATX High Output Current
IGSRC
VGATX = 0 V
−26.25
−9.5
mA
GATX Low Output Current
IGSNK
VGATX = VCC2
9.5
26.25
mA
Turn-On Propagation Delay
tP(ON)
INX to GATx (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Turn-Off Propagation Delay
tP(OFF)
INX to GATX (Figure 4)
1.0
ms
CSB to GATX (Figure 5)
Output Rise Time
tR
20% to 80% of VCC2, CLOAD = 400 pF (Figure 4,
Note 8)
277
ns
Output Fall Time
tF
80% to 20% of VCC2, CLOAD = 400 pF (Figure 4,
Note 8)
277
ns
SERIAL PERIPHERAL INTERFACE (Figure 9) VCCX = 5.0 V, VDD = 3.3 V, FSCLK = 4.0 MHz, CLOAD = 200 pF
SO Supply Voltage
VDD
3.3 V Interface
3.0
3.3
3.6
V
5 V Interface
4.5
5.0
5.5
V
SCLK Clock Period
tSCLK
250
ns
Maximum Input Capacitance
CINX
Sl, SCLK (Note 8)
12
pF
SCLK High Time
tCLKH
SCLK = 2.0 V to 2.0 V
125
ns
SCLK Low Time
tCLKL
SCLK = 0.8 V to 0.8 V
125
ns
Sl Setup Time
tSISU
Sl = 0.8 V/2.0 V to SCLK = 2.0 V (Note 8)
25
ns
Sl Hold Time
tSIHD
SCLK = 2.0 V to Sl = 0.8 V/2.0 V (Note 8)
25
ns
SO Rise Time
tSOR
(20% VSO to 80% VDD) CLOAD = 200 pF (Note 8)
25
50
ns
SO Fall Time
tSOF
(80% VSO to 20% VDD) CLOAD = 200 pF (Note 8)
50
ns
CSB Setup Time
tCSBSU
CSB = 0.8 V to SCLK = 2.0 V (Note 8)
60
ns
CSB Hold Time
tCSBHD
SCLK = 0.8 V to CSB = 2.0 V (Note 8)
75
ns
CSB to SO Time
tCS−SO
CSB = 0.8 V to SO Data Valid (Note 8)
65
125
ns
SO Delay Time
SODLY
SCLK = 0.8 V to SO Data Valid (Note 8)
65
125
ns
Transfer Delay Time
CSDLY
CSB Rising Edge to Next Falling Edge (Note 8)
1.6
ms
7. Min/Max values are valid for the temperature range −40
°C ≤ TJ ≤ 150°C unless noted otherwise. Min/Max values are guaranteed by test,
design or statistical correlation.
8. Guaranteed by design.
IN
X
GAT
X
t
P(OFF)
80%
20%
t
R
50%
50%
t
F
t
P(ON)
Figure 4. Gate Driver Timing Diagram − Parallel Input


Similar Part No. - NCV7518MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7518MWTXG ONSEMI-NCV7518MWTXG Datasheet
542Kb / 35P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
September, 2013 ??Rev. 0
NCV7518MWTXG ONSEMI-NCV7518MWTXG Datasheet
492Kb / 37P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
July, 2015 ??Rev. 1
NCV7518MWTXG ONSEMI-NCV7518MWTXG Datasheet
492Kb / 37P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
July, 2015 ??Rev. 1
NCV7518MWTXG ONSEMI-NCV7518MWTXG Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
More results

Similar Description - NCV7518MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7518-D ONSEMI-NCV7518-D Datasheet
492Kb / 37P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
July, 2015 ??Rev. 1
NCV7518 ONSEMI-NCV7518 Datasheet
542Kb / 35P
   FLEXMOS Hex Low?릗ide MOSFET Pre?릁river
September, 2013 ??Rev. 0
NCV7520 ONSEMI-NCV7520 Datasheet
460Kb / 38P
   Hex Low-side MOSFET Pre-driver
October, 2017 ??Rev. 0
NCV7513B ONSEMI-NCV7513B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
NCV7517B ONSEMI-NCV7517B_16 Datasheet
187Kb / 24P
   Hex Low-Side MOSFET Pre-Driver
June, 2016 ??Rev. 2
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
NCV7513A ONSEMI-NCV7513A Datasheet
274Kb / 23P
   FLEXMOS Hex Low-Side MOSFET Pre-Driver
March, 2009 ??Rev. 1
NCV7518 ONSEMI-NCV7518_V01 Datasheet
590Kb / 38P
   FLEXMOS Hex Low‐side MOSFET Pre‐driver
October, 2016 - Rev. 3
NCV7513 ONSEMI-NCV7513_07 Datasheet
246Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
January, 2007 ??Rev. 1
NCV7513 ONSEMI-NCV7513 Datasheet
245Kb / 24P
   FLEXMOS Hex Low?뭆ide MOSFET Pre?묭river
April, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com