Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1615C2DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1615C2DR2G
Description  High Voltage High Efficiency Power Factor Correction Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1615C2DR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1615C2DR2G Datasheet HTML 5Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 6Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 7Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 8Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 9Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 10Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 11Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 12Page - ON Semiconductor NCP1615C2DR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
NCP1615
www.onsemi.com
9
Table 5. ELECTRICAL CHARACTERISTICS (VCC = 15 V, VHV = 120 V, VFB = 2.4 V, RHVFB = 200 kW, VHVFB = 20 V, CVControl =
10 nF, VFFcontrol = 2.6 V, VZCD/CS = 0 V, RZCD/CS = 3 kW, VFOVPBUV = 2.4 V, VSTDBY = 1 V, VRestart = 1 V, VPSTimer = 0 V, VFault = open,
VPFCOK = open, CDRV = 1 nF, for typical values TJ = 25°C, for min/max values, TJ is −40°C to 125°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Conditions
LINE DETECTION
Line Select Hysteresis
VHV increasing
Vlineselect(HYS)
10
V
High to Low Line Mode Selector Timer
A1/C5 Version
All Other Versions
VHV decreasing
tline
20
43
25
54
30
65
ms
Low to High Line Mode Selector Timer
VHV increasing
tdelay(line)
200
300
400
ms
Line Valley Lockout Counter
(All versions except A1/C5)
After tline expires
nLL
8
Line Level Lockout Timer
(A1/C5 Version Only)
After tline expires
tline(lockout)
120
150
180
ms
POWER SAVING MODE (C/D VERSION)
PSM Enable Threshold
VPSTimer increasing
VPS_in
3.325
3.500
3.675
V
PSM Disable Threshold
VPSTimer decreasing
VPS_out
0.45
0.50
0.55
V
PSTimer Pull Up Current Source
VPSTimer = 0.9 V
IPSTimer1
4.5
5.9
7.3
mA
PSTimer Fast Pull Up Current Source
VPSTimer = 3.4 V
IPSTimer2
800
1000
1200
mA
PSTimer Leakage Current
VPSTimer = 4 V
IPSTimer(bias)
100
nA
IPSTimer2 Enable Threshold
VPSTimer2
0.95
1.00
1.05
V
Filter Delay Before Entering PSM
VPSTimer > VPS_in
tdelay(PS_in)
40
ms
Detection Delay Before Exiting PSM and
Turning On Start−Up Circuit
VPSTimer < VPS_out
tdelay(PS_out)
100
ms
PSTimer Discharge Current
VPSTimer = VPSTimer(off) + 10 mV
IPSTimer(DIS)
160
mA
PSTimer Discharge Turn Off Threshold
VPSTimer decreasing
VPSTimer(off)
0.05
0.10
0.15
V
PFC FB SWITCH (C/D VERSION)
PFC Off−State Leakage Current
VPSTimer = 4 V, VHVFB = 500 V
IHVFB(off)
0.1
3
mA
PFC Feedback Switch On Resistance
VHVFB = 2.75 V, IHVFB = 100 mA
RFBswitch(on)
10
k
W
ON−TIME CONTROL
Maximum On Time − Low Line
VHV = 162.5 V,
VControl = VControl(MAX)
VHV = 162.5 V, VControl = 2.5 V
ton(LL)
ton(LL)2
22
10.5
25
12.5
29
14.0
ms
Maximum On Time − High Line
Versions C4 and C5
All Other Versions
VHV = 325 V,
VControl = VControl(MAX)
ton(HL)
6.8
5.2
8.1
6.0
9.2
7.0
ms
Minimum On−Time
VHV = 162 V
VHV = 325 V
tonLL(MIN)
tonHL(MIN)
200
100
ns
CURRENT SENSE
Current Limit Threshold
VILIM
0.46
0.50
0.54
V
Leading Edge Blanking Duration
tOCP(LEB)
100
200
350
ns
Current Limit Propagation Delay
Step VCS/ZCD > VILIM to DRV
falling edge
tOCP(delay)
40
200
ns
Overstress Leading Edge Blanking Duration
tOVS(LEB)
50
100
170
ns
Over Stress Detection Propagation Delay
VCS/ZCD > VZCD(rising) to DRV
falling edge
tOVS(delay)
40
200
ns
REGULATION BLOCK
Reference Voltage
TJ = 25°C
TJ = −40 to 125°C
VREF
VREF
2.475
2.460
2.500
2.500
2.525
2.540
V


Similar Part No. - NCP1615C2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615C2DR2G ONSEMI-NCP1615C2DR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results

Similar Description - NCP1615C2DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com