Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1077STBT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1077STBT3G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1077STBT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1077STBT3G Datasheet HTML 1Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 2Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 3Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 4Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 5Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 6Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 7Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 8Page - ON Semiconductor NCP1077STBT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For all NCP107X products except NCP1072P100BG: For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 8 V
unless otherwise noted)
(For NCP1072P100BG: For typical values TJ = 25°C, for min/max values TJ = −55°C (Note 7) to +125°C, VCC = 8 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION AND VCC MANAGEMENT
VCC(on)
VCC increasing level at which the switcher starts operation
NCP1070/71/72/75
NCP1076/77
1
1
7.8
7.7
8.2
8.1
8.6
8.5
V
VCC(min)
VCC decreasing level at which the HV current source restarts
1
6.5
6.8
7.2
V
VCC(off)
VCC decreasing level at which the switcher stops operation (UVLO)
1
6.1
6.3
6.6
V
VCC(reset)
VCC voltage at which the internal latch is reset (guaranteed by design)
1
4
V
VCC(clamp)
Offset voltage above VCC(on) at which the internal clamp activates
NCP1070/71
NCP1072/75
NCP1076/77
1
1
1
110
130
130
170
190
190
300
300
300
mV
ICC1
Internal IC consumption, Mosfet switching
NCP1070/71/72/75
NCP1076/77
1
1
0.7
1.0
1.0
1.3
mA
ICCskip
Internal IC consumption, FB is 0 V (No switching on MOSFET)
1
360
mA
POWER SWITCH CIRCUIT
RDS(on)
Power Switch Circuit on−state resistance (Id = 50 mA)
NCP1070/71
TJ = 25°C
TJ = 125°C
NCP1072/75
TJ = 25°C
TJ = 125°C
NCP1076/77
TJ = 25°C
TJ = 125°C
5
22
38
11
19
4.7
8.7
32
55
16
24
6.9
10.75
W
BVDSS
Power Switch Circuit & Startup breakdown voltage
(ID(off) = 120 mA, TJ = 25°C)
5
700
V
IDSS(off)
Power Switch & Startup breakdown voltage off−state leakage current
TJ = 125°C (Vds = 700 V)
5
85
mA
ton
toff
Switching characteristics (RL=50 W, VDS set for Idrain = 0.7 x Ilim)
Turn−on time (90% − 10%)
Turn−off time (10% − 90%)
5
5
20
10
ns
INTERNAL START−UP CURRENT SOURCE
Istart1
High−voltage current source, V = VCC(on) − 200 mV
NCP1070/71/76/77
NCP1072/75
5
5
5.2
5
9.2
9
12.2
12
mA
Istart2
High−voltage current source, VCC = 0 V
5
0.5
mA
VCCTH
VCC Transient level for Istart1 to Istart2 toggling point
1
2.2
V
CURRENT COMPARATOR
IIPK
Maximum internal current setpoint at 50% duty cycle
FB pin open, Tj = 25
°C
NCP1070
NCP1071
NCP1072
NCP1075
NCP1076
NCP1077
250
350
250
450
650
800
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. The final switch current is: IIPK(0) / (Vin/LP + Sa) x Vin/LP + Vin/LP x tprop, with Sa the built−in slope compensation, Vin the input voltage, LP
the primary inductor in a flyback, and tprop the propagation delay.
5. NCP1072 130 kHz on demand only.
6. Oscillator frequency is measured with disabled jittering.
7. For coldest temperature, QA sampling at −40
°C in production and −55°C specification is Guaranteed by Characterization.


Similar Part No. - NCP1077STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1077 ONSEMI-NCP1077 Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1077A ONSEMI-NCP1077A Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077AAP065G ONSEMI-NCP1077AAP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077AAP100G ONSEMI-NCP1077AAP100G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
NCP1077ABP065G ONSEMI-NCP1077ABP065G Datasheet
442Kb / 33P
   Enhanced Off-line Switcher
November, 2017 ??Rev. 2
More results

Similar Description - NCP1077STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com