Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV1397ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV1397ADR2G
Description  High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV1397ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV1397ADR2G Datasheet HTML 1Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 2Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 3Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 4Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 5Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 6Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 7Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 8Page - ON Semiconductor NCV1397ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NCP1397A/B, NCV1397A/B
www.onsemi.com
4
Figure 3. Internal Circuit Architecture (NCP1397B)
Vref
Rt
VDD
C
IDT
−−
+
+
DT Adj.
I = Imax for Vfb = 5.3 V
I = 0 for Vfb < Vfb_min
Vref
Imin
VFB
 VFB(o )
Vref
VDD
Imax
Vfb = 5
Fmax
VDD
Itimer1
If FAULT Itimer else 0
+
Timer
+
Vref
SS(dis)
FB
RFB
−−
+
+
VFB(fault)
−−
+
G = 1
> 0 only
V=V (FB) −− VFB(min)
IDT
Vref
VDD
+
VFB(min)
DT
Deadtime
Adjustment
VDD
−−
+
BO
+
VBO
−−
+
+
Vlatch
Clk
D
S
Q
Q
R
S
Q
Q
R
PON Reset
50% DC
Temperature
Shutdown
PON
Reset
Fault
Timeout
Fault
Vref
BO
Reset
FF
+
−−
+
Vref Skip
Skip/
Disable
VCC
Timeout
Fault
Fault
Mlower
GND
IBO
20 ns Noise
Filter
+
−−
Fault
+
Vref(fault)
NC
VBOOT
Mupper
HB
UVLO
Level
Shifter
Fast
Fault
+
−−
+
Vref(OCP)
PON Reset
Vtimer OFF
Reset
Fault
PON Reset
Enable
(if Vfb<0.3V)
20 ms Noise
Filter
20 ms Noise
Filter
1 ms Noise
Filter


Similar Part No. - NCV1397ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1397BDR2G** ONSEMI-NCV1397BDR2G* Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
More results

Similar Description - NCV1397ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
   High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com