Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD08 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD08
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD08 Datasheet HTML 1Page - Texas Instruments SN65HVD08 Datasheet HTML 2Page - Texas Instruments SN65HVD08 Datasheet HTML 3Page - Texas Instruments SN65HVD08 Datasheet HTML 4Page - Texas Instruments SN65HVD08 Datasheet HTML 5Page - Texas Instruments SN65HVD08 Datasheet HTML 6Page - Texas Instruments SN65HVD08 Datasheet HTML 7Page - Texas Instruments SN65HVD08 Datasheet HTML 8Page - Texas Instruments SN65HVD08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
VOD
RL = 54 Ω
± 1%
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
tPLH
tPHL
1.5 V
1.5 V
3 V
≈ 2 V
≈ –2 V
90%
10%
0 V
VI
VOD
tr
tf
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VCC
VI
Input
Generator
90%
0 V
10%
RL = 110 Ω
± 1%
Input
Generator
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
3 V
S1
0.5 V
3 V
0 V
VOH
≈ 0 V
tPHZ
tPZH
1.5 V
1.5 V
VI
VO
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VO
VI
2.3 V
Input
Generator
50
3 V
VO
S1
3 V
1.5 V
1.5 V
tPZL
tPLZ
2.3 V
0.5 V
≈ 3 V
0 V
VOL
VI
VO
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
RL = 110 Ω
± 1%
CL = 50 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
D
A
B
DE
VI
≈ 3 V
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Driver Switching Test Circuit and Voltage Waveforms
Figure 4. Driver High-Level Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 5. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Similar Part No. - SN65HVD08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08 TI-SN65HVD08 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08 TI-SN65HVD08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08D TI-SN65HVD08D Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08D TI-SN65HVD08D Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DG4 TI-SN65HVD08DG4 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08_07 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com