Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1615 Datasheet(PDF) 30 Page - ON Semiconductor

Part # NCP1615
Description  High Voltage High Efficiency Power Factor Correction Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1615 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button NCP1615_16 Datasheet HTML 26Page - ON Semiconductor NCP1615_16 Datasheet HTML 27Page - ON Semiconductor NCP1615_16 Datasheet HTML 28Page - ON Semiconductor NCP1615_16 Datasheet HTML 29Page - ON Semiconductor NCP1615_16 Datasheet HTML 30Page - ON Semiconductor NCP1615_16 Datasheet HTML 31Page - ON Semiconductor NCP1615_16 Datasheet HTML 32Page - ON Semiconductor NCP1615_16 Datasheet HTML 33Page - ON Semiconductor NCP1615_16 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
NCP1615
www.onsemi.com
30
Figure 28. OTP Auto−Recovery Timing Diagram
STANDBY OPERATION
A signal proportional to the downstream converter output
power is applied to the STDBY pin to enable standby mode
operation. A STDBY voltage below the standby threshold,
Vstandby, typically 300 mV, forces the controller into a
controlled burst mode, or standby mode.
In standby mode, the driver is disabled until the bulk
voltage falls below the bulk restart level. At which point, the
driver is re−enabled. The bulk restart level determines the
minimum bulk voltage in standby mode. As long as the
STBY pin voltage is below the standby threshold, the
controller will operate in controlled burst mode.
The controller is not allowed to enter standby mode while
the PFCOK signal is low. A dedicated timer, tblank(STDBY),
blanks the standby signal for 1 ms (typically) right after the
PFCOK signal transitions high. This ensures the signal
proportional to the downstream converter output power has
enough time to build up and prevent disabling the PFC while
powering up the downstream converter. The standby circuit
block is shown in Figure 29.
Figure 29. Standby Circuit Block
t blank(STDBY)
In_Regulation
Vstandby
STDBY
Q
DRV Disable
S
R
PFC_OK
0.98*VREF
Restart
IRestart
VUVP3
UVP3
ADJUSTABLE BULK VOLTAGE HYSTERESIS
The bulk restart threshold allows the user to enable the
bulk level at which the controller exits standby mode. The
restart threshold is set at 2% below the internal reference,
VREF. The ratio between VREF and the restart level is given
by KRestart. The user can set a restart level of 2% below the
regulation level without using additional components as
shown in Figure 30. If a different restart level is desired, a
resistor network can be used as shown in Figure 31.
Figure 30. Minimum Restart Level Configuration


Similar Part No. - NCP1615_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615ADR2G ONSEMI-NCP1615ADR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1615BDR2G ONSEMI-NCP1615BDR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1615C2DR2G ONSEMI-NCP1615C2DR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1615CDR2G ONSEMI-NCP1615CDR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1615D2DR2G ONSEMI-NCP1615D2DR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results

Similar Description - NCP1615_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com