Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1246ALD100R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1246ALD100R2G
Description  Fixed Frequency Current Mode Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1246ALD100R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1246ALD100R2G Datasheet HTML 4Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 5Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 6Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 7Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 8Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 9Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 10Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 11Page - ON Semiconductor NCP1246ALD100R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
NCP1246
www.onsemi.com
8
TYPICAL CHARACTERISTIC
20
22
24
26
28
30
32
34
36
38
40
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 3. Minimum Current Source Operation
VHV(min)
20
22
24
26
28
30
32
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
Figure 4. Off−State Leakage Current Istart(off)
20
25
30
35
40
45
50
TEMPERATURE (
°C)
Figure 5. Off−Mode HV Supply Current IHV(off)
−50
−25
0
25
50
75
100
125
IHV(off) @ VHV = 325 V
IHV(off) @ VHV = 141 V
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
TEMPERATURE (
°C)
Figure 6. High Voltage Startup Current
Flowing Out of VCC Pin Istart2
−50
−25
0
25
50
75
100
125
100
102
104
106
108
110
112
114
116
118
120
TEMPERATURE (
°C)
Figure 7. Brown−out Device Start Threshold
VHV(start)
−50
−25
0
25
50
75
100
125
100
102
104
106
108
110
112
114
116
118
120
TEMPERATURE (
°C)
Figure 8. Brown−out Device Stop Threshold
VHV(stop)
−50
−25
0
25
50
75
100
125


Similar Part No. - NCP1246ALD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246ALD100R2G ONSEMI-NCP1246ALD100R2G Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results

Similar Description - NCP1246ALD100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com