Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1246BLD065R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1246BLD065R2G
Description  Fixed Frequency Current Mode Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1246BLD065R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1246BLD065R2G Datasheet HTML 1Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 2Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 3Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 4Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 5Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 6Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 7Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 8Page - ON Semiconductor NCP1246BLD065R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
NCP1246
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V,
VCC = 11 V unless otherwise noted)
Characteristics
Test Condition
Symbol
Min
Typ
Max
Unit
HIGH VOLTAGE CURRENT SOURCE
Minimum voltage for current source
operation
VHV(min)
30
40
V
Current flowing out of VCC pin
VCC = 0 V
VCC = VCC(on) − 0.5 V
Istart1
Istart2
0.2
5
0.5
8
0.8
11
mA
Off−state leakage current
VHV = 500 V, VCC = 15 V
Istart(off)
10
25
50
mA
Off−mode HV supply current
VHV = 141 V,
VHV = 325 V,
VCC loaded by 4.7 mF cap
IHV(off)
45
50
60
70
mA
SUPPLY
HV current source regulation threshold
VCC(reg)
8
11
V
Turn−on threshold level, VCC going up
HV current source stop threshold
VCC(on)
11.0
12.0
13.0
V
HV current source restart threshold
VCC(min)
9.5
10.5
11.5
V
Turn−off threshold
VCC(off)
8.5
8.9
9.3
V
Overvoltage threshold
VCC(ovp)
25
26.5
28
V
Blanking duration on VCC(off) and VCC(ovp)
detection
tVCC(blank)
10
ms
VCC decreasing level at which the internal
logic resets
VCC(reset)
4.8
7.0
7.7
V
VCC level for ISTART1 to ISTART2 transition
VCC(inhibit)
0.2
0.8
1.25
V
Internal current consumption (Note 5)
DRV open, VFB = 3 V, 65 kHz
DRV open, VFB = 3 V, 100 kHz
Cdrv = 1 nF, VFB = 3 V, 65 kHz
Cdrv = 1 nF, VFB = 3 V, 100 kHz
Off mode (skip or before start−up)
Fault mode (fault or latch)
ICC1
ICC1
ICC2
ICC2
ICC3
ICC4
1.3
1.3
1.8
2.3
0.67
0.3
1.85
1.85
2.6
2.9
0.9
0.6
2.2
2.2
3.0
3.5
1.13
0.9
mA
BROWN−OUT
Brown−Out thresholds
VHV going up
VHV going down
VHV(start)
VHV(stop)
102
94
111
103
120
112
V
Brown−Out thresholds (AL/BL Versions)
VHV going up
VHV going down
VHV(start)
VHV(stop)
92
84
101
93
110
102
V
Timer duration for line cycle drop−out
tHV
43
86
ms
X2 DISCHARGE
Comparator hysteresis observed at HV pin
VHV(hyst)
1.5
3.5
5
V
HV signal sampling period
Tsample
1.0
ms
Timer duration for no line detection
tDET
21
32
43
ms
Discharge timer duration
tDIS
21
32
43
ms
OSCILLATOR
Oscillator frequency
fOSC
58
87
65
100
72
109
kHz
Maximum on time for TJ = 25°C to +125°C
only
fOSC = 65 kHz
fOSC = 100 kHz
tONmax(65kHz)
tONmax(100kHz)
11.5
7.5
12.3
8.0
13.1
8.5
ms
5. Internal supply current only, currents sourced via FB pin is not included (current is flowing in GND pin only).
6. Guaranteed by design.
7. CS pin source current is a sum of Ibias and IOPC, thus at VHV = 125 V is observed the Ibias only, because IOPC is switched off.


Similar Part No. - NCP1246BLD065R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246BLD065R2G ONSEMI-NCP1246BLD065R2G Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results

Similar Description - NCP1246BLD065R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com