Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239ED65R2G Datasheet(PDF) 24 Page - ON Semiconductor

Part # NCP1239ED65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239ED65R2G Datasheet(HTML) 24 Page - ON Semiconductor

Back Button NCP1239ED65R2G Datasheet HTML 18Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 19Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 20Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 21Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 22Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 23Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 24Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 25Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
NCP1239
www.onsemi.com
24
Figure 43. An Easy Means to Add Slope Compensation is by Using an Extra RC Network Building a Ramp
from the Drive Signal
R1
C1
D1
1N4148
Rsense
R3
DRV
CS
R4
A 2ND OVER-CURRENT COMPARATOR FOR ABNORMAL OVER-CURRENT FAULT DETECTION
A severe fault like a winding short-circuit can cause the
switch current to increase very rapidly during the on-time.
The current sense signal significantly exceeds VILIM1. But,
because the current sense signal is blanked by the LEB
circuit during the switch turn on, the power switch current
can become huge causing system damage.
The NCP1239 protects against this fault by adding an
additional comparator for abnormal over-current fault
detection. The current sense signal is blanked with a shorter
LEB duration, tLEB2, typically 120 ns, before applying it to
the abnormal over-current fault comparator. The voltage
threshold of the comparator, VILIM2, typically 1.2 V, is set
50 % higher than VLIMIT1, to avoid interference with normal
operation. Four consecutive abnormal over-current faults
cause the controller to enter latch mode. The count to 4
provides noise immunity during surge testing. The counter
is reset each time a DRV pulse occurs without activating the
Fault Over-Current Comparator.
Please note that like timer-based short-circuit protection,
A, F, G, H and I versions are latching off compared to B, C,
D and E versions that are auto-recovery.
OVER-VOLTAGE PROTECTION ON VCC PIN
The NCP1239 hosts a dedicated comparator on the VCC
pin. When the voltage on this pin exceeds 25.5 V typically
(32.0 V for F versions) for more than 20
ms, a signal is sent
to the internal latch and the controller immediately stops the
driving pulses while remaining in a lockout state. Depending
controller options, this OVP on VCC pin can be
auto-recovery or latched. For latching-off versions, the part
can be reset by cycling down its VCC, for instance by pulling
off the power plug but also if a brown-out recovery is sensed
by the controller. This technique offers a simple and cheap
means to protect the converter against optocoupler.
PROTECTING FROM A FAILURE OF THE CURRENT SENSING
A 1-
mA (typically) pull-up current source, ICS, pulls up the
CS pin to disable the controller if the pin is left open.
In addition the maximum duty ratio limit (80% typically)
avoids that the MOSFET stays permanently on if the switch
current cannot reach the setpoint when for instance, the input
voltage is low or if the CS pin is grounded. In this case, the
OCP timer is activated. If the timer elapses, the controller
enters in auto-recovery or endless hiccup mode depending
on the controller option. This unexpected operation can lead
to deep CCM with destructive consequences.


Similar Part No. - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com