Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1216AP133G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1216AP133G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1216AP133G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1216AP133G Datasheet HTML 5Page - ON Semiconductor NCP1216AP133G Datasheet HTML 6Page - ON Semiconductor NCP1216AP133G Datasheet HTML 7Page - ON Semiconductor NCP1216AP133G Datasheet HTML 8Page - ON Semiconductor NCP1216AP133G Datasheet HTML 9Page - ON Semiconductor NCP1216AP133G Datasheet HTML 10Page - ON Semiconductor NCP1216AP133G Datasheet HTML 11Page - ON Semiconductor NCP1216AP133G Datasheet HTML 12Page - ON Semiconductor NCP1216AP133G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP1216, NCP1216A
www.onsemi.com
9
APPLICATION INFORMATION
Introduction
The NCP1216 implements a standard current mode
architecture where the switch−off event is dictated by the
peak current setpoint. This component represents the ideal
candidate where low part count is the key parameter,
particularly in low−cost AC−DC adapters, TV power
supplies etc. Due to its high−performance High−Voltage
technology, the NCP1216 incorporates all the necessary
components normally needed in UC384X based supplies:
timing components, feedback devices, low−pass filter and
self−supply. This later point emphasizes the fact that ON
Semiconductor’s NCP1216 does NOT need an auxiliary
winding to operate: the product is naturally supplied from
the high−voltage rail and delivers a VCC to the IC. This
system is called the Dynamic Self−Supply (DSS):
Dynamic Self−Supply (DSS): Due to its Very High
Voltage
Integrated
Circuit
(VHVIC)
technology,
ON Semiconductor’s NCP1216 allows for a direct pin
connection to the high−voltage DC rail. A dynamic current
source charges up a capacitor and thus provides a fully
independent VCC level to the NCP1216. As a result, there is
no need for an auxiliary winding whose management is
always a problem in variable output voltage designs (e.g.
battery chargers).
Adjustable Skip Cycle Level: By offering the ability to tailor
the level at which the skip cycle takes place, the designer can
make sure that the skip operation only occurs at low peak
current. This point guarantees a noise−free operation with
cheap transformers. Skip cycle offers a proven mean to
reduce the standby power in no or light loads situations.
Internal Frequency Dithering for Improved EMI
Signature: By modulating the internal switching frequency
with the DSS VCC ripple, natural energy spread appears and
softens the controller’s EMI signature.
Wide Switching − Frequency Offered with Different
Options (65 kHz − 100 kHz − 133 kHz): Depending on the
application, the designer can pick up the right device to help
reducing magnetics or improve the EMI signature before
reaching the 150 kHz starting point.
Ramp Compensation: By inserting a resistor between the
Current Sense (CS) pin and the actual sense resistor, it
becomes possible to inject a given amount of ramp
compensation since the internal sawtooth clock is routed to
the CS pin. Sub−harmonic oscillations in Continuous
Conduction Mode (CCM) can thus be compensated via a
single resistor.
Over Current Protection (OCP): By continuously
monitoring the FB line activity, NCP1216 enters burst mode
as soon as the power supply undergoes an overload. The
device enters a safe low power operation, which prevents
from any lethal thermal runaway. As soon as the default
disappears, the power supply resumes operation. Unlike
other controllers, overload detection is performed
independently of any auxiliary winding level. In presence of
a bad coupling between both power and auxiliary windings,
the short circuit detection can be severely affected. The DSS
naturally shields you against these troubles.
Wide Duty−Cycle Operation: Wide mains operation requires
a large duty−cycle excursion. The NCP1216 can go up to 75%
typically. For Continuous Conduction Mode (CCM)
applications, the internal ramp compensation lets you fight
against sub−harmonic oscillations.
Low Standby Power: If SMPS naturally exhibit a good
efficiency at nominal load, they begin to be less efficient
when the output power demand diminishes. By skipping
unnecessary switching cycles, the NCP1216 drastically
reduces the power wasted during light load conditions. In
no−load conditions, the NPC1216 allows the total standby
power to easily reach next International Energy Agency
(IEA) recommendations.
No Acoustic Noise While Operating: Instead of skipping
cycles at high peak currents, the NCP1216 waits until the
peak current demand falls below a user−adjustable 1/3 of the
maximum limit. As a result, cycle skipping can take place
without having a singing transformer, one can thus select
cheap magnetic components free of noise problems.
External MOSFET Connection: By leaving the external
MOSFET external to the IC, you can select avalanche proof
devices, which in certain cases (e.g. low output powers), let
you work without an active clamping network. Also, by
controlling the MOSFET gate signal flow; you have an
option to slow down the device commutation, therefore
reducing the amount of ElectroMagnetic Interference
(EMI).
SPICE Model: A dedicated model to run transient
cycle−by−cycle simulations is available but also an
averaged version to help you closing the loop. Ready−to−use
templates can be downloaded in OrCAD’s PSpice and
INTUSOFT’s IsSpice from ON Semiconductor web site, in
the NCP1216 related section.


Similar Part No. - NCP1216AP133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1216AP133G ONSEMI-NCP1216AP133G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP133G ONSEMI-NCP1216AP133G Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
More results

Similar Description - NCP1216AP133G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com