Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1072STBT3G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1072STBT3G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1072STBT3G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1072STBT3G Datasheet HTML 6Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 7Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 8Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 9Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 10Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 11Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 12Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 13Page - ON Semiconductor NCP1072STBT3G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
NCP1070, NCP1071, NCP1072, NCP1075, NCP1076, NCP1077
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 11. IDSS(off) vs. Temperature
Figure 12. Istart1 vs. Temperature
Figure 13. Istart2 vs. Temperature
Figure 14. IIPK(0) vs. Temperature
Figure 15. FOSC vs. Temperature
Figure 16. D(max) vs. Temperature
100
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
90
80
70
60
50
−50
−25
0
25
50
75
100
125
12
11
10
9
8
7
6
5
4
−50
−25
0
25
50
75
100
125
0.6
0.5
0.4
0.3
0.2
0.1
0
TEMPERATURE (
°C)
TEMPERATURE (
°C)
1000
−50
−25
0
25
50
75
100
125
900
700
600
500
400
300
200
−50
−25
0
25
50
75
100
125
110
100
90
80
70
60
50
TEMPERATURE (
°C)
−50
−25
0
25
50
75
100
125
TEMPERATURE (
°C)
72
70
68
66
64
62
110
NCP1075
NCP1072
100 kHz
65 kHz
NCP1076
NCP1077
NCP1071
NCP1070
800


Similar Part No. - NCP1072STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072STBT3G ONSEMI-NCP1072STBT3G Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
More results

Similar Description - NCP1072STBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com