Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1236AD65R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1236AD65R2G
Description  Fixed Frequency Current Mode Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1236AD65R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1236AD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1236AD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
NCP1236
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Test Condition
Symbol
Min
Typ
Max
Unit
HIGH VOLTAGE CURRENT SOURCE
Minimum voltage for current
source operation
VHV(min)
30
40
V
Current flowing out of VCC pin
VCC = 0 V
VCC = VCC(on) − 0.5 V
Istart1
Istart2
0.2
3
0.5
6
0.8
9
mA
Off−state leakage current
VHV = 500 V
Istart(off)
25
50
mA
SUPPLY
Turn−on threshold level, VCC
going up
HV current source stop threshold
VCC(on)
11.0
12.0
13.0
V
HV current source restart threshold
VCC(min)
9.5
10.5
11.5
V
Turn−off threshold
VCC(off)
8.5
9.5
10.5
V
Overvoltage threshold
VCC(ovp)
25
26.5
28
V
Blanking duration on VCC(off) and
VCC(ovp) detection (Note 7)
tVCC(blank)
7
10
13
ms
VCC decreasing level at which
the internal logic resets
VCC(reset)
3.6
5.0
6.0
V
VCC level for ISTART1 to ISTART2
transition
VCC(inhibit)
0.4
1.0
1.6
V
Internal current consumption
(Note 6)
DRV open, VFB = 3 V, 65 kHz
DRV open, VFB = 3 V, 100 kHz
Cdrv = 1 nF, VFB = 3 V, 65 kHz
Cdrv = 1 nF, VFB = 3 V, 100 kHz
Off mode (skip or before start−up)
Fault mode (fault or latch)
ICC1
ICC1
ICC2
ICC2
ICC3
ICC4
1.2
1.2
1.9
2.2
0.67
0.4
1.8
1.9
2.5
2.9
0.9
0.7
2.2
2.3
3.2
3.6
1.13
1.0
mA
BROWN−OUT
Brown−Out thresholds
VHV going up
VHV going down
VHV(start)
VHV(stop)
92
79
107
92
122
105
V
Timer duration for line cycle
drop−out
tHV
47
68
90
ms
OSCILLATOR
Oscillator frequency
fOSC
60
92
65
100
70
108
kHz
Maximum duty cycle
DMAX
75
80
85
%
Frequency jittering amplitude, in
percentage of FOSC
Ajitter
$4
$6
$8
%
Frequency jittering modulation
frequency
Fjitter
85
125
165
Hz
OUTPUT DRIVER
Rise time, 10% to 90 % of VCC
VCC = VCC(min) + 0.2 V, CDRV = 1 nF
trise
40
70
ns
Fall time, 90% to 10 % of VCC
VCC = VCC(min) + 0.2 V, CDRV = 1 nF
tfall
40
70
ns
Current capability
VCC = VCC(min) + 0.2 V, CDRV = 1 nF
DRV high, VDRV = 0 V
DRV low, VDRV = VCC
IDRV(source)
IDRV(sink)
500
500
mA
Clamping voltage (maximum
gate voltage)
VCC = VCCmax – 0.2 V, DRV high, RDRV
= 33 k
W, Cload = 220 pF
VDRV(clamp)
11
13.5
16
V
6. Internal supply current only, current in FB pin not included (current flowing in GND pin only).
7. Guaranteed by design.


Similar Part No. - NCP1236AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
More results

Similar Description - NCP1236AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com