Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP161BFCS285T2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP161BFCS285T2G
Description  450 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP161BFCS285T2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP161BFCS285T2G Datasheet HTML 7Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 8Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 9Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 10Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 11Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 12Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 13Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 14Page - ON Semiconductor NCP161BFCS285T2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NCP161
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 43. Load Transient Response −
1 mA to 450 mA − VOUT = 3.3 V
Figure 44. Load Transient Response −
450 mA to 1 mA − VOUT = 3.3 V
4
ms/div
20
ms/div
Figure 45. Load Transient Response −
1 mA to 450 mA − VOUT = 5.14 V
Figure 46. Load Transient Response −
450 mA to 1 mA − VOUT = 5.14 V
4
ms/div
20
ms/div
Figure 47. Short Circuit and Thermal
Shutdown
Figure 48. Enable Turn−off
10 ms/div
400
ms/div
VIN = 4.3 V, VOUT = 3.3 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tRISE = 1 ms
VIN = 4.3 V, VOUT = 3.3 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tFALL = 1 ms
VIN = 5.5 V, VOUT = 5.14 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tFALL = 1 ms
VIN = 5.5 V, VOUT = 5.14 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
IOUT
VOUT
tRISE = 1 ms
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF (MLCC)
VEN
VOUT
COUT = 1 mF
COUT = 4.7 mF
IOUT
VOUT
Short Circuit Event
Overheating
Thermal Shutdown
TSD Cycling
VIN = 5.5 V
VOUT = 3.3 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)


Similar Part No. - NCP161BFCS285T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161BFCS285T2G ONSEMI-NCP161BFCS285T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
More results

Similar Description - NCP161BFCS285T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com