Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1230
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1230 Datasheet HTML 1Page - ON Semiconductor NCP1230 Datasheet HTML 2Page - ON Semiconductor NCP1230 Datasheet HTML 3Page - ON Semiconductor NCP1230 Datasheet HTML 4Page - ON Semiconductor NCP1230 Datasheet HTML 5Page - ON Semiconductor NCP1230 Datasheet HTML 6Page - ON Semiconductor NCP1230 Datasheet HTML 7Page - ON Semiconductor NCP1230 Datasheet HTML 8Page - ON Semiconductor NCP1230 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NCP1230
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C,
VCC = 13 V, VPIN8 = 30 V unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
Supply Section (All frequency versions, otherwise noted)
Turn−On Threshold Level, VCC Going Up (Vfb = 2.0 V)
VCCOFF
6
11.6
12.6
13.6
V
Minimum Operating Voltage after Turn−On
VCC(min)
6
7.0
7.7
8.4
V
VCC Decreasing Level at which the Latch−Off Phase Ends (Vfb = 3.5 V)
VCClatch
6
5.0
5.6
6.2
V
VCC Level at which the Internal Logic gets Reset
VCCreset
6
4.0
V
Internal IC Consumption, No Output Load on Pin 6 (Vfb = 2.5 V)
ICC1
6
0.6
1.1
1.8
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 65 kHz
(Vfb = 2.5 V)
ICC2
6
1.3
1.8
2.5
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 100 kHz
ICC2
6
1.3
2.2
3.0
mA
Internal IC Consumption, 1.0 nF Output Load on Pin 6, FSW = 133 kHz
ICC2
6
1.3
2.8
3.3
mA
Internal IC Consumption, Latch−Off Phase
ICC3
6
400
680
1000
mA
Internal Startup Current Source
High−Voltage Current Source, 1.0 nF Load
(VCCOFF −0.2 V, Vfb = 2.5 V, VPIN8 = 30 V)
IC1
8
1.8
3.2
4.2
mA
High−Voltage Current Source (VCC = 0 V)
IC2
8
1.8
4.4
5.6
mA
Minimum Startup Voltage (Ic = 0.5 mA, VCCOFF −0.2 V, Vfb = 2.5 V)
VHVmin
8
20
23
V
Startup Leakage (VPIN8 = 500 V)
IHVLeak
8
10
30
80
mA
Drive Output
Output Voltage Rise−Time @ CL = 1.0 nF, 10−90% of Output Signal
Tr
5
40
ns
Output Voltage Fall−Time @ CL = 1.0 nF, 10−90% of Output Signal
Tf
5
15
ns
Source Resistance, RLoad 300 W (Vfb = 2.5 V)
ROH
5
6.0
12.3
25
W
Sink Resistance, at 1.0 V on Pin 5 (Vfb = 3.5 V)
ROL
5
3.0
7.5
18
W
Pin 1 Output Impedance (or Rdson between Pin 1 and Pin 6 when SW1
is closed) Rload on Pin 1 = 680 W
RPFC
1
6.0
11.7
23
W
Current Comparator and Thermal Shutdown
Input Bias Current @ 1.0 V Input Level on Pin 3
IIB
3
0.02
mA
Maximum Internal Current Setpoint
Tj = 25°C
Tj = −40°C to +125°C
ILimit
3
1.010
0.979
1.063
1.116
1.127
V
Default Internal Setpoint for Skip Cycle Operation and Standby
Detection
Vskip
3
600
750
900
mV
Default Internal Setpoint to Leave Standby
Vstby−out
1.0
1.25
1.5
V
Propagation Delay from CS Detected to Gate Turned Off (VGate = 10 V)
(Pin 5 Loaded by 1.0 nF)
TDEL CS
3
90
180
ns
Leading Edge Blanking Duration
TLEB
3
100
200
350
ns
Soft−Start Period (Note 3)
SS
2.5
ms
Temperature Shutdown, Maximum Value (Note 3)
TSD
150
165
°C
Hysteresis while in Temperature Shutdown (Note 3)
TSD hyste
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Verified by Design.


Similar Part No. - NCP1230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com