Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1230 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1230
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1230_15 Datasheet HTML 2Page - ON Semiconductor NCP1230_15 Datasheet HTML 3Page - ON Semiconductor NCP1230_15 Datasheet HTML 4Page - ON Semiconductor NCP1230_15 Datasheet HTML 5Page - ON Semiconductor NCP1230_15 Datasheet HTML 6Page - ON Semiconductor NCP1230_15 Datasheet HTML 7Page - ON Semiconductor NCP1230_15 Datasheet HTML 8Page - ON Semiconductor NCP1230_15 Datasheet HTML 9Page - ON Semiconductor NCP1230_15 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NCP1230
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C,
VCC = 13 V, VPIN8 = 30 V unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
Internal Oscillator
Oscillation Frequency, 65 kHz Version (Vfb = 2.5 V)
Tj = 25°C
Tj = 0°C to +125°C
Tj = −40°C to +125°C
fOSC
60
58
55
65
70
72
72
kHz
Oscillation Frequency, 100 kHz Version
Tj = 25°C
Tj = 0°C to +125°C
Tj = −40°C to +125°C
fOSC
93
90
85
100
107
110
110
kHz
Oscillation Frequency, 133 kHz Version
Tj = 25°C
Tj = 0°C to +125°C
Tj = −40°C to +125°C
fOSC
123
120
113
133
143
146
146
kHz
Internal Modulation Swing, in Percentage of Fsw (Vfb = 2.5 V) (Note 4)
"6.4
%
Internal Swing Period (Note 4)
5.0
ms
Maximum Duty−Cycle (CS = 0, Vfb = 2.5 V)
Dmax
75
80
85
%
Internal Ramp Compensation
Internal Resistor (Note 4)
Rup
3
9.0
18
36
kW
Ramp Compensation Sawtooth Amplitude
3
2.3
Vpp
Feedback Section
Opto Current Source (Vfb = 0.75 V)
2
200
235
270
mA
Pin 3 to Current Setpoint Division Ratio (Note 4)
Iratio
2.8
Protection
Timeout before Validating Short−Circuit or PFC VCC (Note 4)
TDEL
125
ms
Latch−Off Level
Vlatch
3
2.7
3.0
3.3
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Verified by Design.
Figure 3. VCC(OFF) Threshold vs. Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. VCC(min) Threshold vs. Temperature
7.0
7.2
7.4
7.6
7.8
8.0
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
150
VPIN8 = 30 V
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
12.0
12.2
12.4
12.6
12.8
13.0
150
VCC = 0 V
VPIN8 = 30 V


Similar Part No. - NCP1230_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230D100R2 ONSEMI-NCP1230D100R2 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230D100R2G ONSEMI-NCP1230D100R2G Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230D100R2G ONSEMI-NCP1230D100R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D133R2 ONSEMI-NCP1230D133R2 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230D133R2G ONSEMI-NCP1230D133R2G Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
More results

Similar Description - NCP1230_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com