Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP161BFCS180T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP161BFCS180T2G
Description  450 mA, Ultra-Low Noise and High PSRR LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP161BFCS180T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP161BFCS180T2G Datasheet HTML 1Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 2Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 3Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 4Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 5Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 6Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 7Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 8Page - ON Semiconductor NCP161BFCS180T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NCP161
www.onsemi.com
2
Figure 2. Simplified Schematic Block Diagram
IN
THERMAL
SHUTDOWN
MOSFET
DRIVER WITH
CURRENT LIMIT
INTEGRATED
SOFT−START
BANDGAP
REFERENCE
ENABLE
LOGIC
EN
OUT
GND
EN
* ACTIVE DISCHARGE
Version A only
PIN FUNCTION DESCRIPTION
Pin No.
CSP4
Pin No.
XDFN4
Pin
Name
Description
A1
4
IN
Input voltage supply pin
A2
2
OUT
Regulated output voltage. The output should be bypassed with small 1
mF ceramic capacitor.
B1
3
EN
Chip enable: Applying VEN < 0.4 V disables the regulator, Pulling VEN > 1.2 V enables the LDO.
B2
2
GND
Common ground connection
EPAD
EPAD
Expose pad should be tied to ground plane for better power dissipation
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to
6
V
Output Voltage
VOUT
−0.3 to VIN + 0.3, max. 6 V
V
Chip Enable Input
VCE
−0.3 to VIN + 0.3, max. 6 V
V
Output Short Circuit Duration
tSC
unlimited
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, CSP4 (Note 3)
Thermal Resistance, Junction−to−Air
RqJA
108
°C/W
Thermal Characteristics, XDFN4 (Note 3)
Thermal Resistance, Junction−to−Air
198.1
3. Measured according to JEDEC board specification. Detailed description of the board can be found in JESD51−7


Similar Part No. - NCP161BFCS180T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP161BFCS180T2G ONSEMI-NCP161BFCS180T2G Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
More results

Similar Description - NCP161BFCS180T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8163 ONSEMI-NCV8163 Datasheet
696Kb / 16P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCP163 ONSEMI-NCP163 Datasheet
469Kb / 13P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com