Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP715MX15TBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP715MX15TBG
Description  50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP715MX15TBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP715MX15TBG Datasheet HTML 1Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 2Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 3Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 4Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 5Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 6Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 7Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 8Page - ON Semiconductor NCP715MX15TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP715
www.onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 to 24
V
Output Voltage
VOUT
−0.3 to 6
V
Output Short Circuit Duration
tSC
Indefinite
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Operating Ambient Temperature Range
TA
−40 to 125
°C
Storage Temperature Range
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114
ESD Machine Model tested per EIA/JESD22−A115
ESD Charged Device Model tested per EIA/JESD22−C101E
Latch up Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
390
°C/W
Thermal Characteristics, XDFN6
Thermal Resistance, Junction−to−Air
RqJA
260
°C/W


Similar Part No. - NCP715MX15TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP715MX15TBG ONSEMI-NCP715MX15TBG Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
More results

Similar Description - NCP715MX15TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCV8716 ONSEMI-NCV8716 Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com