Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30080BSNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30080BSNT1G
Description  Quasi-Resonant Primary Side Current-Mode Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30080BSNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30080BSNT1G Datasheet HTML 1Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 2Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 3Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 4Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 5Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 6Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 7Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 8Page - ON Semiconductor NCL30080BSNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 3
1
Publication Order Number:
NCL30080/D
NCL30080
Quasi-Resonant Primary
Side Current-Mode
Controller for LED Lighting
The NCL30080 is a PWM current mode controller targeting isolated
flyback and non−isolated constant current topologies. The controller
operates in a quasi−resonant mode to provide high efficiency. Thanks
to a novel control method, the device is able to precisely regulate a
constant LED current from the primary side. This removes the need
for secondary side feedback circuitry, biasing and an optocoupler.
The device is highly integrated with a minimum number of external
components. A wide VCC range simplifies the design process and
allows a single design to support a wide LED forward voltage range. A
robust suite of safety protection is built in to simplify the design. This
device is specifically intended for very compact space efficient
designs.
Features
Quasi−resonant Peak Current−mode Control Operation
Primary Side Sensing (no optocoupler needed)
Wide VCC Range
Precise LED Constant Current Regulation ±1% Typical
Line Feed−forward for Enhanced Regulation Accuracy
Low LED Current Ripple
250 mV ±2% Guaranteed Voltage Reference for Current Regulation
~ 0.9 Power Factor with Valley Fill Input Stage
Low LED Current Ripple
Source 300 mA / Sink 500 mA Totem Pole Driver with 12 V Gate
Clamp
Low Start−up Current (13 mA typ.)
Small Space Saving Low Profile Package
Wide Temperature Range of −40 to +125°C
Pb−free, Halide−free MSL1 Product
Robust Protection Features
Over Voltage / LED Open Circuit Protection
Secondary Diode Short Protection
Output Short Circuit Protection
Shorted Current Sense Pin Fault Detection
Latched and Auto−recoverable Versions
Brown−out
VCC Under Voltage Lockout
Thermal Shutdown
Typical Applications
Integral LED Bulbs
LED Power Driver Supplies
LED Light Engines
www.onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 25 of this data sheet.
ORDERING INFORMATION
TSOP−6
SN SUFFIX
CASE 318G
MARKING DIAGRAM
VIN
VCC
DRV
ZCD
GND
CS
(Top View)
1
1
AAx = Specific Device Code
x
= E or Z
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
AAxAYW
G
G
1
(Note: Microdot may be in either location)


Similar Part No. - NCL30080BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30080BSNT1G ONSEMI-NCL30080BSNT1G Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results

Similar Description - NCL30080BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30185 ONSEMI-NCL30185 Datasheet
320Kb / 28P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. 0
NCL30288 ONSEMI-NCL30288 Datasheet
205Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
May, 2018 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com