Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8813G-AH Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV8813G-AH
Description  Motor Driver 3-Phase PWM Full-Wave BLDC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8813G-AH Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV8813G-AH Datasheet HTML 6Page - ON Semiconductor LV8813G-AH Datasheet HTML 7Page - ON Semiconductor LV8813G-AH Datasheet HTML 8Page - ON Semiconductor LV8813G-AH Datasheet HTML 9Page - ON Semiconductor LV8813G-AH Datasheet HTML 10Page - ON Semiconductor LV8813G-AH Datasheet HTML 11Page - ON Semiconductor LV8813G-AH Datasheet HTML 12Page - ON Semiconductor LV8813G-AH Datasheet HTML 13Page - ON Semiconductor LV8813G-AH Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LV8811G, LV8813G, LV8814J
www.onsemi.com
10
RECOMMENDED OPERATING RANGES (Note11)
Parameter
Symbol
Ratings
Unit
VCC supply voltage Range at LV8811G and LV8814J (Note2)
VCCOP
3.6 to 16.0
V
VCC supply voltage Range at LV8813G (Note2)
6.0 to 16.0
V
PWM input frequency range
fPWM
20 to 50
kHz
PWM input duty cycle range
DPWM
0 to 100
%
PWM input voltage range
VPWM
0 to 5
V
IN1 input voltage range
VIN1
0 to VREG
V
IN2 input voltage range
VIN2
0.3 to 1.8
V
Control input Voltage Range (Note12)
(Note 13)
0 to VREG
V
Ambient Temperature
TA
−40 to 105
ºC
11. Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses
beyond the Recommended Operating Ranges limits may affect device reliability.
12. Control input pins are PH1, PH2, MDS, and VTH
13. Pin : Symbol
PH1:VPH1, PH2:VPH2, MDS:VMDS, VTH:VVTH
ELECTRICAL CHARACTERISTICS
TA=25ºC, VCCOP = 12V UNLESS OTHERWISE NOTED. (NOTE 14)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Circuit Current
Supply Current
ICC0
PWM = 3V, CPWM=0V, IO=0A
4.5
7.0
mA
Protection (Note15)
Over Current Detection Voltage
VTHCLM
The voltage between VCC - RF
0.162
0.180
0.198
V
Over Voltage Detection Voltage
VTHOVP
VCC pin, Guaranteed by design
19
20
V
Over Voltage Detection Hysteresis
ΔVTH
OVP
VCC pin, Guaranteed by design
2
V
Lock Detection Time
TLD
Case of the LV8811G
0.23
0.32
0.41
S
Case of the LV8813G and LV8814J
0.55
0.76
0.97
S
Lock Protection Time
TLP
Case of the LV8811G
4.15
5.68
7.21
S
Case of the LV8813G and LV8814J
3.82
5.23
6.64
S
Thermal Protection Detection
Temperature
TTHP
Guaranteed by design
150
180
˚C
Thermal Protection Detection
Hysteresis
ΔT
THP
Guaranteed by design
15
˚C
Regulator
REG Pin Output Voltage
VREG
2.7
3.0
3.3
V
Output
UO/VO/WO Output Resistance
ROUTON
IO=0.8A, High-side + Low-side
0.5
0.65
Ω
FG Output (Note16)
FG Pin Low Level Output Voltage
VFGL
IFG=5mA
0.3
V
FG Pin Leak Current
IFGLK
VFG=16V
1
μA
Hall Bias & Hall Signal Input
HB Pin Output Voltage
VHB
IHB=5mA
1.06
1.18
1.30
V
IN1/IN2 Input Current
IH
1
μA
Hall Signal Input Hysteresis
ΔV
H
Guaranteed by design
+/-10
mV
Continued on next page.


Similar Part No. - LV8813G-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
More results

Similar Description - LV8813G-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
LV88563 ONSEMI-LV88563 Datasheet
777Kb / 24P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN8461G FAIRCHILD-FAN8461G Datasheet
301Kb / 14P
   Single Phase Full Wave BLDC Motor Driver
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
logo
Diodes Incorporated
AM4961A DIODES-AM4961A Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
logo
Toshiba Semiconductor
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com