Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8811G-AH Datasheet(PDF) 11 Page - ON Semiconductor

Part # LV8811G-AH
Description  Motor Driver 3-Phase PWM Full-Wave BLDC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8811G-AH Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LV8811G-AH Datasheet HTML 7Page - ON Semiconductor LV8811G-AH Datasheet HTML 8Page - ON Semiconductor LV8811G-AH Datasheet HTML 9Page - ON Semiconductor LV8811G-AH Datasheet HTML 10Page - ON Semiconductor LV8811G-AH Datasheet HTML 11Page - ON Semiconductor LV8811G-AH Datasheet HTML 12Page - ON Semiconductor LV8811G-AH Datasheet HTML 13Page - ON Semiconductor LV8811G-AH Datasheet HTML 14Page - ON Semiconductor LV8811G-AH Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LV8811G, LV8813G, LV8814J
www.onsemi.com
11
Continued from preceding page.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PWM Input
PWM Pin Low Level Input
Voltage
VPWML
0
0.6
V
PWM Pin High Level Input
Voltage
VPWMH
2.3
5.5
V
PWM On Time
TPWMON
Guaranteed by design
200
ns
PWM Off Time
TPWMOFF
Guaranteed by design
200
ns
CPWM Input
CPWM Minimum Output
Ratio (Note17)
VCPWMLVREG×100
16
18
20
%
CPWM Maximum Output
Ratio (Note17)
VCPWMHVREG×100
65
67
69
%
CPWM Source Current
ICPWMSO
VCPWM=1.3V
17
29
41
μA
CPWM Sink Current
ICPWMSI
VCPWM=1.3V
-41
-29
-17
μA
14. Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
15. Refer to the protection circuit explanation in the function description. Refer to page 23.
16. For FG output pin, it is recommended to connect pull-up resistor between the pin and power supply of the controller.
17. VCPWMH and VCPWML are peak voltage of triangle wave in CPWM pin.


Similar Part No. - LV8811G-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
More results

Similar Description - LV8811G-AH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8811G ONSEMI-LV8811G Datasheet
2Mb / 32P
   Motor Driver, 3-Phase, PWM Full-Wave, BLDC
October 2015- Rev. P2
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
LV88563 ONSEMI-LV88563 Datasheet
777Kb / 24P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
LV88561 ONSEMI-LV88561 Datasheet
795Kb / 26P
   Motor Driver, Single-Phase, PWM, Full-Wave, 24V/48V BLDC Motor
April, 2018 ??Rev. 1
logo
Fairchild Semiconductor
FAN8461G FAIRCHILD-FAN8461G Datasheet
301Kb / 14P
   Single Phase Full Wave BLDC Motor Driver
FAN8463 FAIRCHILD-FAN8463 Datasheet
316Kb / 14P
   BTL Single Phase Full Wave BLDC Motor Driver
logo
Diodes Incorporated
AM4961A DIODES-AM4961A Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
logo
Toshiba Semiconductor
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com