Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBRP2050 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SMBRP2050
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBRP2050 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SMBRP2050 Datasheet HTML 1Page - GOOD-ARK Electronics SMBRP2050 Datasheet HTML 2Page - GOOD-ARK Electronics SMBRP2050 Datasheet HTML 3Page - GOOD-ARK Electronics SMBRP2050 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
SMBRP2050
Schottky Barrier Rectifier
Reverse Voltage 50 Volts Forward Current 20 Amperes
www.goodark.com                             1 / 4 
                       2013.12‐REV.A  
Features
Ultra Low Vf=0.40V at IF=10A (25ºC)/Vf=0.49 V at IF=20A (25ºC)
Thin Package:1.0mm
● Low forward voltage drop, low power losses
● High efficiency operation
● Halogen Free Plastic package has underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
● Case: Epoxy, Molded
● Weight: 0.1grams(approximately)
● Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
● Lead Temperature for Soldering Purposes: 260°C Max. for 10 sec
● Shipped 3000 units per reel
Maximum Ratings & Electrical Characteristics
(TA=25
℃ unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
SMBRP2050
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
V
Working peak reverse voltage
VRWM
50
V
Maximum DC blocking voltage
VDC
50
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
20
A
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
2.0
A
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Maximum instantaneous forward voltage per leg
IF=20A
IF=20A
TC=25℃
TC=125℃
VF
0.55(0.49 TYP)
0.45
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
500
50
uA
mA
Thermal Characteristics TA=25℃ unless otherwise noted
Symbol
Parameter
TYP(POWER QFN 5x6)
Unit
RθJC
Thermal Resistance, Junction to Case per Leg
2.5
°C /W
RθJA
Thermal Resistance, Junction to Ambient per Leg
50
°C /W
Note:
Pulse test:300us pulse width, duty cycle=2%
Package: POWER QFN5x6


Similar Part No. - SMBRP2050

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMBRP20100 GOOD-ARK-SMBRP20100 Datasheet
646Kb / 4P
   Trench Schottky Barrier Rectifier
SMBRP2060 GOOD-ARK-SMBRP2060 Datasheet
325Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SMBRP2050

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com