Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C2552 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST16C2552
Description  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST16C2552 Datasheet HTML 4Page - Exar Corporation ST16C2552 Datasheet HTML 5Page - Exar Corporation ST16C2552 Datasheet HTML 6Page - Exar Corporation ST16C2552 Datasheet HTML 7Page - Exar Corporation ST16C2552 Datasheet HTML 8Page - Exar Corporation ST16C2552 Datasheet HTML 9Page - Exar Corporation ST16C2552 Datasheet HTML 10Page - Exar Corporation ST16C2552 Datasheet HTML 11Page - Exar Corporation ST16C2552 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ST16C2552
áç
áç
áç
áç
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
REV. 4.2
8
2.4
Channel A and B Internal Registers
Each UART channel in the 2552 has a set of enhanced registers for controlling, monitoring and data loading
and unloading. The configuration register set is compatible to those already available in the standard single
16C550 and dual ST16C2550. These registers function as data holding registers (THR/RHR), interrupt status
and control registers (ISR/IER), a FIFO control register (FCR), receive line status and control registers (LSR/
LCR), modem status and control registers (MSR/MCR), programmable data rate (clock) divisor registers (DLL/
DLM), and a user accessible scratchpad register (SPR).
Beyond the general 16C2550 features and capabilities, the 2552 offers the Alternate Function Register which
allows simultaneous writes to both channels. All the register functions are discussed in full detail later in
“Section 3.0, UART INTERNAL REGISTERS” on page 15.
2.5
Simultaneous Write to Channel A and B
During a write mode cycle, the setting of Alternate Function Register (AFR) bit-0 to a logic 1 will override the
CHSEL selection and allows a simultaneous write to both UART channel sections. This functional capability
allow the registers in both UART channels to be modified concurrently, saving individual channel initialization
time. Caution should be exercised, however, when using this capability. Any in-process serial data transfer
may be disrupted by changing an active channel’s mode.
2.6
DMA Mode
The device does not support direct memory access. The DMA Mode (a legacy term) in this document doesn’t
mean “direct memory access” but refers to data block transfer operation. The DMA mode affects the state of
the RXRDY# A/B (MF# A/B becomes RXRDY# A/B output when AFR[2:1] = ‘10’) and TXRDY# A/B output pins.
The transmit and receive FIFO trigger levels provide additional flexibility to the user for block mode operation.
The LSR bits 5-6 provide an indication when the transmitter is empty or has an empty location(s) for more data.
The user can optionally operate the transmit and receive FIFO in the DMA mode (FCR bit-3=1). When the
transmit and receive FIFO are enabled and the DMA mode is disabled (FCR bit-3 = 0), the 2552 is placed in
single-character mode for data transmit or receive operation. When DMA mode is enabled (FCR bit-3 = 1), the
user takes advantage of block mode operation by loading or unloading the FIFO in a block sequence
determined by the programmed trigger level. The following table show their behavior. Also see Figures 16
through 21.
TABLE 2: TXRDY# AND RXRDY# OUTPUTS IN FIFO AND DMA MODE
PINS
FCR BIT-0=0
(FIFO DISABLED)
FCR BIT-0=1 (FIFO ENABLED)
FCR Bit-3 = 0
(DMA Mode Disabled)
FCR Bit-3 = 1
(DMA Mode Enabled)
RXRDY# A/B
0 = 1 byte.
1 = no data.
0 = at least 1 byte in FIFO
1 = FIFO empty.
1 to 0 transition when FIFO reaches the trigger
level, or timeout occurs.
0 to 1 transition when FIFO empties.
TXRDY# A/B
0 = THR empty.
1 = byte in THR.
0 = FIFO empty.
1 = at least 1 byte in FIFO.
0 = FIFO has at least 1 empty location.
1 = FIFO is full.


Similar Part No. - ST16C2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552IJ44 EXAR-ST16C2552IJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
More results

Similar Description - ST16C2552

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com