Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGC0405U Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SGC0405U
Description  Surface Mount Glass Passivated superfast recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0405U Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SGC0405U Datasheet HTML 1Page - GOOD-ARK Electronics SGC0405U Datasheet HTML 2Page - GOOD-ARK Electronics SGC0405U Datasheet HTML 3Page - GOOD-ARK Electronics SGC0405U Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SGC0403U thru SGC0406U
Surface Mount Glass Passivated superfast recovery Rectifier
Reverse Voltage 200~800V Forward Current 4A
www.goodark.com
3/4
2014.12-Rev.A
Package Outline Dimensions
MIN
MAX
MIN
MAX
DIM
Unit: mm
Unit: inch
MIN
MAX
MIN
MAX
HE
6.4
6.6
0.252
0.260
E
5.6
5.8
0.220
0.228
D
4.1
4.3
0.161
0.169
B1
1.7
1.9
0.067
0.075
B2
0.8
1
0.031
0.039
A
1.05
1.2
0.041
0.047
C
0.3
0.4
0.012
0.016
L
0.85
1.1
0.033
0.043
L1
4.2
4.4
0.165
0.173
L2
L3
1.1
1.4
0.043
0.055
D1
3
3.3
0.118
0.130
E1
1.86 Typ.
0.073 Typ.
3.52 Typ.
0.139 Typ.
Soldering  footprint
Packing Information
Packing quantities:
5000 pcs/Reel,12mm Tape, 13" Reel
p
p
Tape & Reel Specification
www.goodark.com
3/4
2014.12-Rev.A


Similar Part No. - SGC0405U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0405A GOOD-ARK-SGC0405A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC0405U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES2A GOOD-ARK-ES2A Datasheet
365Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
DIYI Electronic Technol...
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com