Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL26 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # PSL26
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PSL26 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  PSL26 Datasheet HTML 1Page - GOOD-ARK Electronics PSL26 Datasheet HTML 2Page - GOOD-ARK Electronics PSL26 Datasheet HTML 3Page - GOOD-ARK Electronics PSL26 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSL26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 5. Typical Junction Capacitance
10
100
1000
0.01
0.1
1
10
Reverse Voltage (V)
Tj=25℃
f=1.0MHZ
Vsig=50mVp-p
0.001
0.01
0.1
1
10
100
0
0.4 0.8 1.2 1.6
2
2.4
Instantaneous Forward Voltage (V)
25℃
75℃
125℃
150℃
0.1
1
10
100
1000
10000
100000
1000000
10000000
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
25℃
75℃
125℃
0
10
20
30
40
50
1
10
100
Number of Cycles at 60Hz
Ta=25℃
8.3ms single
half sine-wave
www.goodark.com
2/4
2016.04-Rev.A


Similar Part No. - PSL26

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL22-M PACELEADER-PSL22-M Datasheet
272Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL22-MH PACELEADER-PSL22-MH Datasheet
272Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL23 PACELEADER-PSL23 Datasheet
262Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
PSL23-M PACELEADER-PSL23-M Datasheet
272Kb / 2P
   SILICON EPITAXIAL PLANER TYPE
More results

Similar Description - PSL26

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com