Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS34 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # PS34
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PS34 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  PS34 Datasheet HTML 1Page - GOOD-ARK Electronics PS34 Datasheet HTML 2Page - GOOD-ARK Electronics PS34 Datasheet HTML 3Page - GOOD-ARK Electronics PS34 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS32 thru PS345
Surface Mount Schottky Rectifier
Reverse Voltage 20~45V Forward Current 3.0A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive Peak
Forward Surge Current
Figure 5. Typical Junction Capacitance
1
10
100
1000
10000
0.1
1
10
Reverse Voltage (V)
Tj=25℃
f=1.0MHZ
Vsig=50mVp-p
0
0.5
1
1.5
2
2.5
3
50
70
90
110
130
150
Lead temperature(℃)
0
20
40
60
80
100
1
10
100
Number of Cycles at 60Hz
Ta=25℃
8.3ms single
half sine-wave
0.001
0.01
0.1
1
10
100
0
0.2 0.4 0.6 0.8
1
1.2
Instantaneous Forward Voltage (V)
25℃
75℃
100
0.1
1
10
100
1000
10000
100000
1000000
0
10
20
30
40
50
Instantaneous Reverse Voltage (V)
25℃
75℃
100℃
125℃
150℃
www.goodark.com
2/4
2016.05-Rev.A


Similar Part No. - PS34

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS3 DBLECTRO-PS3 Datasheet
365Kb / 2P
   Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Vishay Siliconix
PS30 VISHAY-PS30 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS30 COPAL-PS30 Datasheet
255Kb / 8P
   DISPLAY TYPE PRESSURE SWITCH
More results

Similar Description - PS34

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com