Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS19 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # PS19
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PS19 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  PS19 Datasheet HTML 1Page - GOOD-ARK Electronics PS19 Datasheet HTML 2Page - GOOD-ARK Electronics PS19 Datasheet HTML 3Page - GOOD-ARK Electronics PS19 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS17 thru PS1100
Surface Mount Schottky Rectifier
Reverse Voltage 70~100V Forward Current 1.0A
Features
• Super Low VF Schottky barrier diodes
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Heatsink structure
• High temperature soldering guaranteed: 260℃/10 seconds
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device, power supplies
and other consumer applications.
VRRM
70
80
90
100
V
VRMS
49
56
63
70
V
VDC
70
80
90
100
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ
°C
TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=1mA
VBR
IF=1A,Ta=25℃
IF=1A,Ta=125℃
Ta=25℃
Ta=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
Rating for fusing(t<8.3ms)
3.8
IR
1.0
150
Parameter
Test Conditions
Symbol
PS17
PS18
Maximum instantaneous
forward voltage
0.65
28
65
℃/W
9
35
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
PS17
PS18
PS19
PS1100
Unit
uA
VF
Volts
100
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
30
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
PS19
PS1100
Unit
0.80
Maximum DC reverse current
at rated DC blocking voltage
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.03-Rev.A


Similar Part No. - PS19

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PS1920P02 TDK-PS1920P02 Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1920P02 TDK-PS1920P02 Datasheet
163Kb / 8P
   Pin terminal/Lead Without oscillator circuit
PS1927P02 TDK-PS1927P02 Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1927P02 TDK-PS1927P02 Datasheet
163Kb / 8P
   Pin terminal/Lead Without oscillator circuit
logo
Alpha Industries
PS196-315 ALPHA-PS196-315 Datasheet
544Kb / 3P
   LGA Packaged Phase Shifter for PCS Base Stations
More results

Similar Description - PS19

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com