Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSL210T Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # LSL210T
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LSL210T Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  LSL210T Datasheet HTML 1Page - GOOD-ARK Electronics LSL210T Datasheet HTML 2Page - GOOD-ARK Electronics LSL210T Datasheet HTML 3Page - GOOD-ARK Electronics LSL210T Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LSL27T thru LSL210T
Surface Mount Schottky Rectifier
Reverse Voltage 70~100V Forward Current 2.0A
Package Outline Dimensions
Packing Information
Packing quantities:
Tape & Reel Specification
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45
0.049 0.057
C
0.1
0.25
0.004 0.010
D
2.6
2.8
0.102 0.110
E
4.1
4.3
0.161 0.169
L
0.8
1.0
0.031 0.039
HE
4.8
5.2
0.189 0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036
0.043
A1
0
0.1
0.000
0.004
B
1.25
1.45
0.049
0.057
C
0.1
0.25
0.004
0.010
D
2.6
2.8
0.102
0.110
E
4.1
4.3
0.161
0.169
L
0.8
1.0
0.031
0.039
HE
4.8
5.2
0.189
0.205
Unit: mm
Unit: inch
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
13"
10K
20K
180K
www.goodark.com
3/4
2016.01-Rev.A


Similar Part No. - LSL210T

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LSL22 GOOD-ARK-LSL22 Datasheet
379Kb / 4P
   Surface Mount Schottky Rectifier
LSL23 GOOD-ARK-LSL23 Datasheet
379Kb / 4P
   Surface Mount Schottky Rectifier
LSL24 GOOD-ARK-LSL24 Datasheet
379Kb / 4P
   Surface Mount Schottky Rectifier
logo
OSRAM GmbH
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL296-N1Q2-1 OSRAM-LSL296-N1Q2-1 Datasheet
246Kb / 15P
   SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LSL210T

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com