Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G57 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G57
Description  CONFIGURABLE MULTIPLE FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G57 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G57 Datasheet HTML 1Page - Texas Instruments SN74LVC1G57 Datasheet HTML 2Page - Texas Instruments SN74LVC1G57 Datasheet HTML 3Page - Texas Instruments SN74LVC1G57 Datasheet HTML 4Page - Texas Instruments SN74LVC1G57 Datasheet HTML 5Page - Texas Instruments SN74LVC1G57 Datasheet HTML 6Page - Texas Instruments SN74LVC1G57 Datasheet HTML 7Page - Texas Instruments SN74LVC1G57 Datasheet HTML 8Page - Texas Instruments SN74LVC1G57 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74LVC1G57
CONFIGURABLE MULTIPLEFUNCTION GATE
SCES414G − NOVEMBER 2002 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
1.65 V
0.79
1.16
VT+
Positive-going
2.3 V
1.11
1.56
VT+
Positive-going
input threshold
3 V
1.5
1.87
V
input threshold
voltage
4.5 V
2.16
2.74
V
voltage
5.5 V
2.61
3.33
1.65 V
0.39
0.62
VT−
Negative-going
2.3 V
0.58
0.87
VT−
Negative-going
input threshold
3 V
0.84
1.14
V
input threshold
voltage
4.5 V
1.41
1.79
V
voltage
5.5 V
1.87
2.29
1.65 V
0.37
0.62
∆VT
2.3 V
0.48
0.77
∆VT
Hysteresis
(V
− V
)
3 V
0.56
0.87
V
Hysteresis
(VT+ − VT−)
4.5 V
0.71
1.04
V
T+
T−
5.5 V
0.71
1.11
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 6)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
Any In
Y
3.2
14.4
2
8.3
1.5
6.3
1.1
5.1
ns


Similar Part No. - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G57DBVR TI1-SN74LVC1G57DBVR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRE4 TI1-SN74LVC1G57DBVRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRG4 TI1-SN74LVC1G57DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKR TI1-SN74LVC1G57DCKR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKRE4 TI1-SN74LVC1G57DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com