Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN34T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP303LSN34T1
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN34T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP303LSN34T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 9Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 10Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 11Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 12Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 13Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP302, NCP303
http://onsemi.com
10
Table 3. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
Nch Sink Current
NCP303 Series
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Vin Low
Vin High
VDET− (V)
VHYS (V)
Iin
(
mA) (1)
Iin
(
mA) (2)
IOUT
(mA) (3)
IOUT
(mA) (4)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
NCP303LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.3
0.5
0.05
0.5
NCP303LSN10T1
0.980
1.0
1.020
0.030
0.050
0.070
NCP303LSN11T1
1.078
1.1
1.122
0.033
0.055
0.077
1.0
NCP303LSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP303LSN13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP303LSN14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP303LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP303LSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP303LSN17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP303LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP303LSN19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP303LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP303LSN21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP303LSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP303LSN23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP303LSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP303LSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP303LSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP303LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP303LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP303LSN29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP303LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP303LSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP303LSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP303LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP303LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP303LSN35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP303LSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP303LSN37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP303LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP303LSN39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP303LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
0.4
0.6
NCP303LSN41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP303LSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP303LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP303LSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP303LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP303LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP303LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP303LSN48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP303LSN49T1
4.802
4.9
4.998
0.147
0.245
0.343
13. Condition 1: 0.9 — 2.9 V, Vin = VDET− − 0.10 V; 3.0 — 3.9 V, Vin = VDET− − 0.13 V; 4.0 — 4.9 V, Vin = VDET− − 0.16 V
14. Condition 2: 0.9 — 4.9 V, Vin = VDET− + 2.0 V
15. Condition 3: 0.9 — 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
16. Condition 4: 0.9 — 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 — 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 — 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices


Similar Part No. - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP303LSN34T1G ONSEMI-NCP303LSN34T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN34T1G ONSEMI-NCP303LSN34T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com