Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN30T1G Datasheet(PDF) 23 Page - ON Semiconductor

Part # NCP303LSN30T1G
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN30T1G Datasheet(HTML) 23 Page - ON Semiconductor

Back Button NCP303LSN30T1G Datasheet HTML 18Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 19Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 20Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 21Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 22Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 23Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 24Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 25Page - ON Semiconductor NCP303LSN30T1G Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
NCP302, NCP303
http://onsemi.com
23
ORDERING INFORMATION
Device
Threshold
Voltage
Output
Type
Reset
Marking
Package
Shipping
NCP303LSN13T1
1.3
SDA
TSOP−5
NCP303LSN14T1
1.4
SCZ
TSOP−5
NCP303LSN15T1
1.5
SCY
TSOP−5
NCP303LSN15T1G
1.5
SCY
TSOP−5
(Pb−Free)
NCP303LSN16T1
1.6
SCX
TSOP−5
NCP303LSN18T1
1.8
SCV
TSOP−5
NCP303LSN20T1
2.0
SCT
TSOP−5
NCP303LSN20T1G
2.0
SCT
TSOP−5
(Pb−Free)
NCP303LSN22T1
2.2
SCR
TSOP−5
NCP303LSN23T1
2.3
SCQ
TSOP−5
NCP303LSN24T1
2.4
SCP
TSOP−5
NCP303LSN25T1
2.5
SCO
TSOP−5
NCP303LSN25T1G
2.5
SCO
TSOP−5
(Pb−Free)
NCP303LSN26T1
2.6
SCN
TSOP−5
NCP303LSN26T1G
2.6
Open
Drain
Active
Low
SCN
TSOP−5
(Pb−Free)
3000 / Tape & Reel
(7 inch Reel)
NCP303LSN27T1
2.7
Drain
Low
SCM
TSOP−5
(7 inch Reel)
NCP303LSN27T1G
2.7
SCM
TSOP−5
(Pb−Free)
NCP303LSN28T1
2.8
SCL
TSOP−5
NCP303LSN28T1G
2.8
SCL
TSOP−5
(Pb−Free)
NCP303LSN29T1
2.9
SCK
TSOP−5
NCP303LSN29T1G
2.9
SCK
TSOP−5
(Pb−Free)
NCP303LSN30T1
3.0
SCJ
TSOP−5
NCP303LSN30T1G
3.0
SCJ
TSOP−5
(Pb−Free)
NCP303LSN31T1
3.1
SCI
TSOP−5
NCP303LSN32T1
3.2
SCH
TSOP−5
NCP303LSN33T1
3.3
SCG
TSOP−5
NCP303LSN34T1
3.4
SCF
TSOP−5
NCP303LSN36T1
3.6
SCD
TSOP−5
NCP303LSN38T1
3.8
SCA
TSOP−5
NOTE: The ordering information lists standard undervoltage thresholds with active low outputs. Additional active low threshold devices, ranging
from 0.9 V to 4.9 V in 100 mV increments and NCP302 active high output devices, ranging from 0.9 V to 4.9 V in 100 mV increments can be
manufactured. Contact your ON Semiconductor representative for availability. The electrical characteristics of these additional devices are
shown in Tables 1 and 2.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP303LSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN30T1G ONSEMI-NCP303LSN30T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN30T1G ONSEMI-NCP303LSN30T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com